Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH3541F Datasheet(PDF) 2 Page - Rohm

Part # BH3541F
Description  Stereo Headphone Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH3541F Datasheet(HTML) 2 Page - Rohm

  BH3541F_09 Datasheet HTML 1Page - Rohm BH3541F_09 Datasheet HTML 2Page - Rohm BH3541F_09 Datasheet HTML 3Page - Rohm BH3541F_09 Datasheet HTML 4Page - Rohm BH3541F_09 Datasheet HTML 5Page - Rohm BH3541F_09 Datasheet HTML 6Page - Rohm BH3541F_09 Datasheet HTML 7Page - Rohm BH3541F_09 Datasheet HTML 8Page - Rohm BH3541F_09 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.rohm.com
2009.07 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Technical Note
2/8
BH3541F, BH3544F, BH3547F, BH3548F
Electrical characteristics (Unless otherwise noted, Ta=25°C,VCC=5V,RL=32Ω,f=1kHz,BW=400~30kHz
BH3541F : VIN=0dBV, BH3544F, BH3547F, BH3548F : VIN =-6dBV)
Parameter
Symbol
TYP.
Unit
Conditions
BH3541F BH3544F BH3547F BH3548F
Quiescent current
IQ
7
3.7
6.5
mA
VIN=0Vrms
Mute pin control voltage H
VTMH
1.6<
V
Mute OFF
Mute pin control voltage L
VTML
<0.3
V
Mute ON
Gain
GVC
0
6
dB
-
Gain difference between
channels
GVC
0
dB
-
Total harmonic distortion
THD
0.02
0.05
0.02
%
BW=20~20kHz
Rated output 1
PO1
31
46
31
mW
RL=32Ω,THD<0.1%
(BH3541F,BH3544F,BH3548F)
RL=32Ω,THD<0.3%
(BH3547F)
Rated output 2
PO2
62
77
62
mW
RL=16Ω,THD<0.1%
(BH3541F,BH3544F,BH3548F)
RL=16Ω,THD<0.5%
(BH3547F)
Rated output 3
PO3
-
120
mW
RL=8Ω,THD<0.25%
(BH3548F)
Output noise voltage
VNO
-93
dBV BW=20~20kHz,Rg=0Ω
Channel separation
CS
-90
-87
-90
dB
Rg=0Ω
Mute attenuation
ATT
-80
dB
Rg=0Ω
Ripple rejection
RR
-57
dB
fRR=100Hz,VRR=-20dBV
Input resistance
Rin
180
90
kΩ
-
Reference data
BH3541F/BH3544F
BH3541F/BH3544F
BH3541F/BH3544F
Fig. 1 Quiescent current vs.
power supply voltage
Fig. 2 in DC current vs.
power supply voltage
Fig. 3 Output voltage vs.
Mute control voltage


Similar Part No. - BH3541F_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BH3541F-E2 ROHM-BH3541F-E2 Datasheet
402Kb / 9P
   Standard Headphone Amplifiers
BH3541F ROHM-BH3541F_10 Datasheet
402Kb / 9P
   Standard Headphone Amplifiers
More results

Similar Description - BH3541F_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BH3544F ROHM-BH3544F Datasheet
213Kb / 5P
   Stereo Headphone Amplifiers
BH3547F ROHM-BH3547F Datasheet
217Kb / 5P
   Stereo Headphone Amplifiers
logo
Synaptics Incorporated.
AD1984A CONEXANT-AD1984A Datasheet
674Kb / 2P
   2 stereo headphone amplifiers
logo
Maxim Integrated Produc...
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com