Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH7601FS Datasheet(PDF) 8 Page - Rohm

Part # BH7601FS
Description  Wide Band 3-output Video Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7601FS Datasheet(HTML) 8 Page - Rohm

Back Button BH7601FS Datasheet HTML 4Page - Rohm BH7601FS Datasheet HTML 5Page - Rohm BH7601FS Datasheet HTML 6Page - Rohm BH7601FS Datasheet HTML 7Page - Rohm BH7601FS Datasheet HTML 8Page - Rohm BH7601FS Datasheet HTML 9Page - Rohm BH7601FS Datasheet HTML 10Page - Rohm BH7601FS Datasheet HTML 11Page - Rohm BH7601FS Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
BH7600AFS, BH7601FS, BH7602FS
Technical Note
8/16
www.rohm.com
2009.03 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Terminal Description・Input/Output Equivalent Circuit
BH7602FS
Pin.No
Pin Name
IN
OUT
Standard
Voltage
Input/Output Equivalent Circuit
Terminal Description
1
3
5
Y_IN
PB_IN
PR_IN
(VS7-0.4)
(VS7+0.9)
Component signal input
terminal
Input range is possible to
regulate by VREF terminal
input voltage (VS7).
When Vcc off, this terminal
become high impedance.
20
17
15
Y_OUT
PB_OUT
PR_OUT
0.7
At
input
terminal
voltage
=(VS7-0.4)
Component signal output
terminal
It is possible to output two
drivers.
7
VREF
0.4~1.4
Reference Terminal
This terminal is input
terminal of inside reference
voltage for DC-shift circuit.
14
D_DET
5.0V
D Terminal Input Terminal for
detector to connect
Terminal condition (H/L) is
possible to read out by I
2C
BUS.
When D mode, it is possible
to control of power-down
into terminal condition (H/L).
13
12
11
LINE1_OUT
LINE2_OUT
LINE3_OUT
4.5(H)
2.0(M)
0.1(L)
LINE-OUT Terminal
This terminal is the line 3
value output terminal for
controlled by I
2C BUS.
Each distinction output are
correspond with the D
terminal standard.
9
SCL
I
2C BUS clock
Input Terminal
This terminal is possible to
operate max 400kHz.
When Vcc off, this terminal
become high impedance.
The values in the terminal descriptions and input/output equivalent circuit are for reference only - they are not guaranteed.


Similar Part No. - BH7601FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7601FS ROHM-BH7601FS Datasheet
270Kb / 6P
   3ch Video driver for digital STB
More results

Similar Description - BH7601FS

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2585 NJRC-NJM2585 Datasheet
1Mb / 13P
   WIDE BAND 3-INPUT 1-OUTPUT 3-CIRCUIT VIDEO AMPLIFIER
NJM2586A NJRC-NJM2586A Datasheet
562Kb / 9P
   WIDE BAND 3-INPUT 1-OUTPUT 3-CIRCUIT VIDEO AMPLIFIER
NJM2584A NJRC-NJM2584A Datasheet
591Kb / 10P
   WIDE BAND 3 CIRCUITS VIDEO SWITCH
logo
STMicroelectronics
TEA5040S STMICROELECTRONICS-TEA5040S Datasheet
177Kb / 12P
   WIDE BAND VIDEO PROCESSOR
April 1993
TEA5040 STMICROELECTRONICS-TEA5040 Datasheet
178Kb / 12P
   WIDE BAND VIDEO PROCESSOR
TDA9201 STMICROELECTRONICS-TDA9201 Datasheet
709Kb / 12P
   WIDE BAND VIDEO PREAMPLIFIER
logo
Rohm
BA7622F ROHM-BA7622F_09 Datasheet
434Kb / 17P
   Standard 3-output Video Driver
logo
STMicroelectronics
TEA5652 STMICROELECTRONICS-TEA5652 Datasheet
444Kb / 10P
   WIDE BAND VIDEO PROCESSOR
logo
List of Unclassifed Man...
CA3040 ETC2-CA3040 Datasheet
429Kb / 6P
   Video and Wide-band Amplifier
logo
New Japan Radio
NJM2580 NJRC-NJM2580 Datasheet
320Kb / 8P
   SINGLE SUPPLY WIDE BAND 3ch VIDEO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com