Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSBB15CH60F Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSBB15CH60F
Description  Smart Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB15CH60F Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSBB15CH60F Datasheet HTML 1Page - Fairchild Semiconductor FSBB15CH60F Datasheet HTML 2Page - Fairchild Semiconductor FSBB15CH60F Datasheet HTML 3Page - Fairchild Semiconductor FSBB15CH60F Datasheet HTML 4Page - Fairchild Semiconductor FSBB15CH60F Datasheet HTML 5Page - Fairchild Semiconductor FSBB15CH60F Datasheet HTML 6Page - Fairchild Semiconductor FSBB15CH60F Datasheet HTML 7Page - Fairchild Semiconductor FSBB15CH60F Datasheet HTML 8Page - Fairchild Semiconductor FSBB15CH60F Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
www.fairchildsemi.com
FSBB15CH60F Rev. D
Integrated Power Functions
• 600V-15A IGBT inverter for three-phase DC/AC power conversion (Please refer to Figure 3)
Integrated Drive, Protection and System Control Functions
• For inverter high-side IGBTs: Gate drive circuit, High voltage isolated high-speed level shifting
Control circuit under-voltage (UV) protection
Note) Available bootstrap circuit example is given in Figures 10 and 11.
• For inverter low-side IGBTs: Gate drive circuit, Short circuit protection (SC)
Control supply circuit under-voltage (UV) protection
• Fault signaling: Corresponding to a UV fault (Low-side supply)
• Input interface: 3.3/5V CMOS/LSTTL compatible, Schmitt trigger input
Pin Configuration
Figure 2.
(21) NU
(22) NV
(23) NW
(27) P
U
(25) V
(26) W
Case Temperature (TC)
Detecting Point
DBC Substrate
(21) NU
(22) NV
(23) NW
(27) P
(24)
(25) V
(26) W
Case Temperature (TC)
Detecting Point
(1) VCC(L)
(2) COM
(3) IN(UL)
(4) IN(VL)
(5) IN(WL)
(6) VFO
(15) VB(V)
(16) VS(V)
(17) IN(WH)
(18) VCC(WH)
(19) VB(W)
(20) VS(W)
(7) CFOD
(8) CSC
(9) IN(UH)
(10) VCC(UH)
(11) VB(U)
(12) VS(U)
(13) IN(VH)
(14) VCC(VH)
(1) VCC(L)
(2) COM
(3) IN(UL)
(4) IN(VL)
(5) IN(WL)
(6) VFO
(15) VB(V)
(16) VS(V)
(17) IN(WH)
(18) VCC(WH)
(19) VB(W)
(20) VS(W)
(7) CFOD
(8) CSC
(9) IN(UH)
(10) VCC(UH)
(11) VB(U)
(12) VS(U)
(13) IN(VH)
(14) VCC(VH)
13.7
19.2
(21) NU
(22) NV
(23) NW
(27) P
U
(25) V
(26) W
Case Temperature (TC)
Detecting Point
DBC Substrate
(21) NU
(22) NV
(23) NW
(27) P
(24)
(25) V
(26) W
Case Temperature (TC)
Detecting Point
(1) VCC(L)
(2) COM
(3) IN(UL)
(4) IN(VL)
(5) IN(WL)
(6) VFO
(15) VB(V)
(16) VS(V)
(17) IN(WH)
(18) VCC(WH)
(19) VB(W)
(20) VS(W)
(7) CFOD
(8) CSC
(9) IN(UH)
(10) VCC(UH)
(11) VB(U)
(12) VS(U)
(13) IN(VH)
(14) VCC(VH)
(1) VCC(L)
(2) COM
(3) IN(UL)
(4) IN(VL)
(5) IN(WL)
(6) VFO
(15) VB(V)
(16) VS(V)
(17) IN(WH)
(18) VCC(WH)
(19) VB(W)
(20) VS(W)
(7) CFOD
(8) CSC
(9) IN(UH)
(10) VCC(UH)
(11) VB(U)
(12) VS(U)
(13) IN(VH)
(14) VCC(VH)
(1) VCC(L)
(2) COM
(3) IN(UL)
(4) IN(VL)
(5) IN(WL)
(6) VFO
(15) VB(V)
(16) VS(V)
(17) IN(WH)
(18) VCC(WH)
(19) VB(W)
(20) VS(W)
(7) CFOD
(8) CSC
(9) IN(UH)
(10) VCC(UH)
(11) VB(U)
(12) VS(U)
(13) IN(VH)
(14) VCC(VH)
(1) VCC(L)
(2) COM
(3) IN(UL)
(4) IN(VL)
(5) IN(WL)
(6) VFO
(15) VB(V)
(16) VS(V)
(17) IN(WH)
(18) VCC(WH)
(19) VB(W)
(20) VS(W)
(7) CFOD
(8) CSC
(9) IN(UH)
(10) VCC(UH)
(11) VB(U)
(12) VS(U)
(13) IN(VH)
(14) VCC(VH)
13.7
19.2
13.7
19.2
Top View


Similar Part No. - FSBB15CH60F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBB15CH60 FAIRCHILD-FSBB15CH60 Datasheet
548Kb / 16P
   Smart Power Module
FSBB15CH60 FAIRCHILD-FSBB15CH60 Datasheet
551Kb / 16P
   Smart Power Module
FSBB15CH60B FAIRCHILD-FSBB15CH60B Datasheet
409Kb / 17P
   Smart Power Module
FSBB15CH60C FAIRCHILD-FSBB15CH60C Datasheet
400Kb / 17P
   Smart Power Module
logo
ON Semiconductor
FSBB15CH60C ONSEMI-FSBB15CH60C Datasheet
654Kb / 16P
   Motion SPM 3 Series
February 2016 Rev. 1.6
More results

Similar Description - FSBB15CH60F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com