Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH76809FVM Datasheet(PDF) 5 Page - Rohm

Part # BH76809FVM
Description  Output Capacitor-less Video Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH76809FVM Datasheet(HTML) 5 Page - Rohm

  BH76809FVM Datasheet HTML 1Page - Rohm BH76809FVM Datasheet HTML 2Page - Rohm BH76809FVM Datasheet HTML 3Page - Rohm BH76809FVM Datasheet HTML 4Page - Rohm BH76809FVM Datasheet HTML 5Page - Rohm BH76809FVM Datasheet HTML 6Page - Rohm BH76809FVM Datasheet HTML 7Page - Rohm BH76809FVM Datasheet HTML 8Page - Rohm BH76809FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Technical Note
5/16
BH76806FVM, BH76809FVM, BH76812FVM, BH76816FVM
www.rohm.com
2009.03 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●Pin descriptions
7
NVCC
-VCC
(-2.75V)
Flying capacitor “-”pin
(8pin)
8
C2
0V
↑↓
-VCC
(-2.75V)
1
The DC voltage in the figure is VCC = 3.0 V. These values are for reference only and are not guaranteed.
2
These values are for reference only and are not guaranteed.
●Description of operations
1) Principles of video driver with no output coupling capacitor
When the amplifier operates using single voltage power supply, the operating potential point is approximately 1/2 Vcc.
Therefore, a coupling capacitor is required to prevent DC output. For the video driver, the load resistance is 150 Ω (75 Ω
+ 75 Ω). Therefore, the coupling capacitor should be about 1000 µF when a low bandwidth for transmission is considered.
(See Figure 3.)
When the amplifier operates using a dual (±) power supply, the operating point can be set at GND level, and therefore,
there is no need for a coupling capacitor to prevent DC output.
Since a coupling capacitor is not needed, there is no sagging of low-frequency characteristics in output stage. (See Figure
4.)
2) Generation of negative voltage by charge pump circuit
As is shown in Figure 5, the charge pump consists of a pair of switches (SW1 and SW2) and a pair of capacitors (flying
capacitor and load capacitor), generating a negative voltage. When +3 V is applied to this IC, approximately -2.83 V of
negative voltage is obtained.
0V
VCC
NVC
C1
C2
VCC
C2
NVCC
GND
VCC
GND
VCC
VCC
NVC
Load voltage pins (7 pins)
Amp (Dual power supply)
VCC
-VCC
75Ω
75Ω
Amp (Single power supply)
VCC
75Ω
75Ω
1/2VCC Bias
1000μF
Fig.3
Fig.4
Output capacitor is required due to DC
voltage at output pin
Output capacitor is not required since
DC voltage is not applied to output pin


Similar Part No. - BH76809FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BH76809FVM ROHM-BH76809FVM Datasheet
142Kb / 6P
   Low voltage operation video driver with LPF
BH76809FVM ROHM-BH76809FVM Datasheet
502Kb / 17P
   Output Capacitor-less Video Drivers
BH76809FVM-TR ROHM-BH76809FVM-TR Datasheet
502Kb / 17P
   Output Capacitor-less Video Drivers
More results

Similar Description - BH76809FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BH76806FVM-TR ROHM-BH76806FVM-TR Datasheet
502Kb / 17P
   Output Capacitor-less Video Drivers
BH76906GU ROHM-BH76906GU_09 Datasheet
520Kb / 17P
   Ultra-compact Waferlevel Chip Size Packeage Output Capacitor-less Single Output Video Drivers
logo
Asahi Kasei Microsystem...
AK4252 AKM-AK4252_10 Datasheet
181Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250_10 Datasheet
190Kb / 10P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250 Datasheet
148Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4252 AKM-AK4252 Datasheet
77Kb / 9P
   Output Coupling Capacitor-less Video Amp with LPF
logo
Unisonic Technologies
LR9107XG-XX-AF5-R UTC-LR9107XG-XX-AF5-R Datasheet
212Kb / 5P
   OUTPUT CAPACITOR-LESS
logo
New Japan Radio
NJM2559 NJRC-NJM2559 Datasheet
698Kb / 10P
   Output Coupling Capacitor-less Video Amplifier with Power Supply
NJU71031 NJRC-NJU71031 Datasheet
242Kb / 8P
   OUTPUT COUPLING CAPACITOR-LESS LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
logo
Asahi Kasei Microsystem...
AK4254 AKM-AK4254 Datasheet
349Kb / 22P
   Capacitor-less Video Amp with 7:2 Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com