Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH30NB1WHFV-TR Datasheet(PDF) 5 Page - Rohm

Part # BH30NB1WHFV-TR
Description  High-ripple rejection CMOS LDO Regulators for High-frequency Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH30NB1WHFV-TR Datasheet(HTML) 5 Page - Rohm

  BH30NB1WHFV-TR Datasheet HTML 1Page - Rohm BH30NB1WHFV-TR Datasheet HTML 2Page - Rohm BH30NB1WHFV-TR Datasheet HTML 3Page - Rohm BH30NB1WHFV-TR Datasheet HTML 4Page - Rohm BH30NB1WHFV-TR Datasheet HTML 5Page - Rohm BH30NB1WHFV-TR Datasheet HTML 6Page - Rohm BH30NB1WHFV-TR Datasheet HTML 7Page - Rohm BH30NB1WHFV-TR Datasheet HTML 8Page - Rohm BH30NB1WHFV-TR Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BH□□NB1WHFV Series
Technical Note
5/8
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Block diagram, recommended circuit diagram, and pin assignment diagram
Pin
No.
Symbol
Function
1
STBY
Output voltage on/off control
(High: ON, Low: OFF)
2
GND
Ground
3
VIN
Power supply input
4
VOUT
Voltage output
5
N.C.
NO CONNECT
Power dissipation (Pd)
1. Power dissipation (Pd)
Power dissipation calculations include estimates of power dissipation characteristics and internal IC power consumption,
and should be treated as guidelines. In the event that the IC is used in an environment where this power dissipation is
exceeded, the attendant rise in the junction temperature will trigger the thermal shutdown circuit, reducing the current
capacity and otherwise degrading the IC's design performance. Allow for sufficient margins so that this power dissipation is
not exceeded during IC operation.
Calculating the maximum internal IC power consumption (PMAX)
PMAX = (VIN − VOUT)
 IOUT (MAX.)
VIN : Input voltage
VOUT : Output voltage
IOUT (MAX): Max. output current
2. Power dissipation/power dissipation reduction (Pd)
HVSOF5
*Circuit design should allow a sufficient margin for the temperature range so that PMAX < Pd.
Input Output capacitors
It is recommended to insert bypass capacitors between input and GND pins, positioning them as close to the pins as
possible. These capacitors will be used when the power supply impedance increases or when long wiring paths are used, so
they should be checked once the IC has been mounted.
Ceramic capacitors generally have temperature and DC bias characteristics. When selecting ceramic capacitors, use X5R or
X7R, or better models that offer good temperature and DC bias characteristics and high tolerant voltages.
Typical ceramic capacitor characteristics
0
20
40
60
80
100
120
0
123
4
DC bias Vdc[V]
70
75
80
85
90
95
100
01
2
3
4
DC bias Vdc[V]
0
20
40
60
80
100
120
-25
0
25
50
75
Temp[℃]
50 V
tolerance
16 V tolerance
10 V
tolerance
50 V tolerance
16 V tolerance
10 V
tolerance
Y5V
X7R
X5R
Fig. 27 Capacitance vs Bias
(Y5V)
Fig. 28 Capacitance vs Bias
(X5R, X7R)
Fig. 29 Capacitance vs Temperature
(X5R, X7R, Y5V)
0
0.2
0.4
0.6
0
25
50
75
100
125
Ta[℃]
Board: 70 mm
 70 mm  1.6 mm
Material: Glass epoxy PCB
410 mW
Fig. 26 HVSOF5 Power Dissipation/Power Dissipation Reduction (Example)
THERMAL
PROTECTION
OVER CURRENT
PROTECTION
VOLTAGE
REFERENCE
CONTROL
BLOCK
VOUT
N.C.
VIN
VIN
Cin
GND
STBY
VSTB
VOUT
Co
3
2
1
5
4
Cin    0.1
F
Co    2.2
F
BH□□NB1WHFV
Fig. 25


Similar Part No. - BH30NB1WHFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH30NB1WHFV ROHM-BH30NB1WHFV Datasheet
326Kb / 6P
   CMOS Type series regulator
More results

Similar Description - BH30NB1WHFV-TR

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
LR1121B ETL-LR1121B Datasheet
340Kb / 8P
   HIGH RIPPLE-REJECTION LDO REGULATOR
logo
Unisonic Technologies
LR1121B UTC-LR1121B_18 Datasheet
244Kb / 6P
   HIGH RIPPLE-REJECTION LDO REGULATOR
LR1121B UTC-LR1121B Datasheet
331Kb / 7P
   HIGH RIPPLE-REJECTION LDO REGULATOR
logo
Rohm
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
logo
Impala Linear Corporati...
ILC7280 IMPALA-ILC7280 Datasheet
63Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
logo
Seiko Instruments Inc
ST111 SII-ST111 Datasheet
406Kb / 23P
   HIGH RIPPLE-REJECTION
logo
Rohm
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
570Kb / 13P
   High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com