Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH76912GU Datasheet(PDF) 3 Page - Rohm

Part # BH76912GU
Description  Ultra-compact Waferlevel Chip Size Packeage Output Capacitor-less Single Output Video Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH76912GU Datasheet(HTML) 3 Page - Rohm

  BH76912GU Datasheet HTML 1Page - Rohm BH76912GU Datasheet HTML 2Page - Rohm BH76912GU Datasheet HTML 3Page - Rohm BH76912GU Datasheet HTML 4Page - Rohm BH76912GU Datasheet HTML 5Page - Rohm BH76912GU Datasheet HTML 6Page - Rohm BH76912GU Datasheet HTML 7Page - Rohm BH76912GU Datasheet HTML 8Page - Rohm BH76912GU Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Technical Note
3/16
BH76906GU, BH76909GU, BH76912GU, BH76916GU, BH76706GU
www.rohm.com
2009.03 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Test Circuit Diagram
Block Diagram
Operation Logic
BH769xxGU
STBY Pin Logic
Operating Mode
H
Active
L
Standby
OPEN
BH76706GU
STBY Pin Logic
Operating Mode
SW1
SW2
H
Standby
OFF
OFF
M
Input (Record)
ON
OFF
L
Active (Playback)
OFF
ON
Use of the BH76706GU with the STBY pin OPEN is inappropriate
A test circuit is a circuit for shipment inspection and differs from an application circuit example.
Fig. 1
V
A
A3
B3
C3
A1
B1
C1
CHARGE
PUMP
OUT
NVCC
IN
150k
A2
C2
VCC
VIN
STBY
VOUT
C_PLUS
C_MINUS
NVCC
GND
75Ω
10u
0.01u
(VCC)
0.1u
50Ω
75Ω
1.0uF
1.0uF
V
LPF
A
V
V
A
A3
B3
C3
A1
B1
C1
CHARGE
PUMP
OUT
NVCC
IN
150k
A2
C2
VCC
VIN
STBY
VOUT
C_PLUS
C_MINUS
NVCC
GND
75Ω
10u
0.01u
(VCC)
75Ω
1.0uF
1.0uF
V
LPF
0.1u
A
50Ω
V
100Ω
A
V
A
A
6dB
6/9/12/16.5dB
A3
B3
C3
A1
B1
C1
CHARGE
PUMP
OUT
NVCC
IN
150k
A2
C2
VCC
VIN
STBY
VOUT
C_PLUS
C_MINUS
NVCC
GND
LPF
6/9/12/16.5dB
A3
B3
C3
A1
B1
C1
CHARGE
PUMP
OUT
NVCC
IN
150k
A2
C2
VCC
VIN
STBY
VOUT
C_PLUS
C_MINUS
NVCC
GND
LPF
6dB
(a) BH76906/09/12/16GU
(b) BH76706GU
Fig. 2
(a) BH76906/09/12/16GU
(b) BH76706GU
SW1
SW2
SW1
SW2
V


Similar Part No. - BH76912GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BH76912GU ROHM-BH76912GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
More results

Similar Description - BH76912GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BH76806FVM ROHM-BH76806FVM_09 Datasheet
489Kb / 17P
   Output Capacitor-less Video Drivers
BH76806FVM-TR ROHM-BH76806FVM-TR Datasheet
502Kb / 17P
   Output Capacitor-less Video Drivers
BH76106HFV ROHM-BH76106HFV_15 Datasheet
528Kb / 12P
   Compact, Low Current Consumption Single Output Video Drivers
BH76106HFV ROHM-BH76106HFV_09 Datasheet
341Kb / 9P
   Compact, Low Current Consumption Single Output Video Drivers
logo
Unisonic Technologies
LR9107XG-XX-AF5-R UTC-LR9107XG-XX-AF5-R Datasheet
212Kb / 5P
   OUTPUT CAPACITOR-LESS
logo
Asahi Kasei Microsystem...
AK4252 AKM-AK4252_10 Datasheet
181Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250_10 Datasheet
190Kb / 10P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250 Datasheet
148Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4252 AKM-AK4252 Datasheet
77Kb / 9P
   Output Coupling Capacitor-less Video Amp with LPF
logo
New Japan Radio
NJM2559 NJRC-NJM2559 Datasheet
698Kb / 10P
   Output Coupling Capacitor-less Video Amplifier with Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com