Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH30PB1WHFV-TR Datasheet(PDF) 5 Page - Rohm

Part # BH30PB1WHFV-TR
Description  CMOS LDO Regulators with Auto Power Saving Function
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH30PB1WHFV-TR Datasheet(HTML) 5 Page - Rohm

  BH30PB1WHFV-TR Datasheet HTML 1Page - Rohm BH30PB1WHFV-TR Datasheet HTML 2Page - Rohm BH30PB1WHFV-TR Datasheet HTML 3Page - Rohm BH30PB1WHFV-TR Datasheet HTML 4Page - Rohm BH30PB1WHFV-TR Datasheet HTML 5Page - Rohm BH30PB1WHFV-TR Datasheet HTML 6Page - Rohm BH30PB1WHFV-TR Datasheet HTML 7Page - Rohm BH30PB1WHFV-TR Datasheet HTML 8Page - Rohm BH30PB1WHFV-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Technical Note
BH□□PB1WHFV Series
5/9
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
0.01
0.1
1.0
1.0
100 m
Frequency f[Hz]
Fig. 13 Output Voltage vs
Temperature (BH30PB1WHFV)
Fig. 14 Standby Pin Threshold
(BH30PB1WHFV)
Fig. 15 Standby Pin Sink Current
(BH30PB1WHFV)
Fig. 16 Ripple Rejection
(BH12PB1WHFV)
Fig. 17 Ripple Rejection
(BH30PB1WHFV)
Fig. 18 Output Voltage Waveform
During SEL Switching
(BH30PB1WHFV)
2.8
2.9
3.0
3.1
3.2
-50
-25
0
25
50
75
100
Temp[℃]
0
1
2
3
4
0.0
0.5
1.0
1.5
2.0
VSTBY[V]
10
20
30
40
50
60
70
80
Frequency f[Hz]
100
1 k
10 k
100 k
1 M
10
20
30
40
50
60
70
80
Frequency f[Hz]
100
1 k
10 k
100 k
1 M
Fig. 19 Load Response
(Co = 1.0
F)
(BH30PB1WHFV)
VOUT
50 mV / div
100
s / div
Fig. 20 Load Response
(Co = 1.0
F)
(BH30PB1WHFV)
VOUT
50 mV / div
200
s / div
Fig. 21 Load Response
(Co = 1.0
F)
(BH30PB1WHFV)
VOUT
100 mV / div
200
s / div
Fig. 22 Output Voltage Rise Time
(BH30PB1WHFV)
STBY
VOUT
1 V / div
200
s / div
1 V / div
Co = 0.47
F
Co = 10
F
STBY
VOUT
1 V / div
10 ms / div
1 V / div
Co = 1
F
Co = 2.2
F
Fig. 23 Output Voltage Fall Time
(BH30PB1WHFV)
SEL = 0 V
SEL = 1.5 V
Co = 0.47
F
Fig. 24 Soft Start Rise Time
(BH30PB1WHFV)
50 mV / div
VOUT
SEL
SEL = 0 V
 1.5
1 V / div
10 ms / div
Rss = 10 k
,
IO = no load
Co = 0.47
F
IO = 10 mA
IO = no load
Slow start capacitance Css (F)
1.0 m
10 m
(power-saving operation)
IOUT = 0 mA
 10 mA
IOUT = 1 mA
 30 mA
IOUT = 1 mA
 100
0
1
2
3
4
5
6
0.01.02.03.04.05.0
VSTBY[V]
Co = 0.47
F
IO = 10 mA


Similar Part No. - BH30PB1WHFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH30PB1WHFV-TR ROHM-BH30PB1WHFV-TR Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
More results

Similar Description - BH30PB1WHFV-TR

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO-7551 GOLLEDGE-GXO-7551 Datasheet
594Kb / 5P
   5V CMOS Oscillator with Power Saving Function
logo
Rohm
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
logo
FSP TECHNOLOGY INC.
FSP060-1S35-19 FSP-FSP060-1S35-19 Datasheet
132Kb / 1P
   Power saving function
FSP060-1S35-48 FSP-FSP060-1S35-48 Datasheet
132Kb / 1P
   Power saving function
logo
Unisonic Technologies
LR6401 UTC-LR6401_17 Datasheet
448Kb / 8P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
LR6401 UTC-LR6401_12 Datasheet
421Kb / 8P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
logo
FSP TECHNOLOGY INC.
FSP060-1S35-12 FSP-FSP060-1S35-12 Datasheet
132Kb / 1P
   Power saving function
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005_13 Datasheet
103Kb / 5P
   600mA CMOS LDO with Enable Function
logo
Rohm
BH30FB1WHFV-TR ROHM-BH30FB1WHFV-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com