Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24C21 Datasheet(PDF) 5 Page - Rohm

Part # BR24C21
Description  EDID Memory (For display)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24C21 Datasheet(HTML) 5 Page - Rohm

  BR24C21 Datasheet HTML 1Page - Rohm BR24C21 Datasheet HTML 2Page - Rohm BR24C21 Datasheet HTML 3Page - Rohm BR24C21 Datasheet HTML 4Page - Rohm BR24C21 Datasheet HTML 5Page - Rohm BR24C21 Datasheet HTML 6Page - Rohm BR24C21 Datasheet HTML 7Page - Rohm BR24C21 Datasheet HTML 8Page - Rohm BR24C21 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Technical Note
BR24C21,BR24C21F,BR24C21FJ,BR24C21FV,
BU9882-W,BU9882F-W,BU9882FV-W
5/22
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Bi-directional mode
Bi-directional Mode and Recovery Function
The BR24C21/F/FJ/FV can be switched from Transmit-Only Mode to Bi-directional Mode by providing a valid High to Low
transition at the SCL pin, while the state of SDA is at high-impedance.
After a valid high to low transition on the SCL pin, the BR24C21/F/FJ/FV begins to count the VCLK clock. If the VCLK
counter reaches 128 clocks without the command for Bi-directional Mode, the device reverts to Transmit-Only Mode
(Recovery function). The VCLK counter is reset by providing a valid high to low transition at the SCL pin. After reversal
to Transmit-Only Mode the device begins to output data (00h address data) with the 129th rising clock edge of VCLK.
If the BR24C21/F/FJ/FV is switched from Transmit-Only Mode and receives the command for Bi-directional
Mode and responds with an Acknowledge, it is impossible to revert to Transmit-Only Mode. (Power down is the only
way to revert to Transmit-Only Mode.) Unless the input device code is “1010”, the device does not respond with an
Acknowledge. If the VCLK counter reaches 128 clocks afterwards, it is possible to revert to Transmit-Only Mode for
Recovery function. If the Master generates a STOP condition during the Slave address, before an Acknowledge is input,
it is possible to revert to Transmit-Only Mode.
When the device is switched from Transmit-Only Mode to Bi-direction Mode, the period of tVHZ needs to be held.
Bi-directional Mode
START Condition
All commands are proceeded by the START condition, which is a High to Low transition of SDA when SCL is High.
The BR24C21/F/FJ/FV continuously monitors the SDA and SCL lines for the START condition and will not respond to
any commands until this condition has been met.
(See Fig. 3 Synchronous Data Timing)
STOP Condition
All commands must be terminated by a STOP condition, which is a Low to High transition of SDA when SCL is High.
The STOP condition causes the internal write cycle to write data into the memory array after a write sequence.
The STOP condition is also used to place the device into standby power mode after read sequences.
A STOP condition can only be issued after the transmitting device has released the bus.
(See Fig.3 Synchronous Data Timing)
Device Addressing
Following the START condition, the Master outputs the device address of the Slave to be accessed. The most
significant four bits of Slave address are the “device type indentifier,” For the BR24C21/F/FJ/FV this is fixed as
“1010.”
The next three bits of the slave address are inconsequential.
The last bit of the stream determines the operation to be performed. When set to “1”, a READ operation is selected.
When set to “0”, a WRITE operation is initiated.
R/W set to "0" ・ ・ ・ ・ ・ ・ ・ ・ WRITE (This bit is also set to "0" for random read operation)
R/W set to "1" ・ ・ ・ ・ ・ ・ ・ ・ READ
1010
_
R/W
*:
Don’t care
Write Protect Function
Write Enable (VCLK)
When using the BR24C21/F/FJ/FV in Bi-directional Mode, the VCLK pin can be used as a write enable pin. Setting
VCLK High allows normal write operations, while setting VCLK low prevents writing to any location in the array.
(See Fig.5 Write Enable Timing)
Changing VCLK from High to Low during the self-timed program operation will not halt programming of the device.
Fig.8 Recovery Mode
VCLK
SCL
SDA
127
tVHZ
MODE
Bi-directional
Transition Mode with possibility to
return to Transmit-Only Mode
Transmit-only
Transmit-Only
128
D7
ADDRESS 00h
D6D5D4
129
Tr a n s m i t - o n l y
ADDRES S 0 0 h
T r an s m i t -O nly
B i -di r e c ti ona l
T r a ns i ti on M o de w i th pos sib ili t y
t o re tu ne to T r a nsmit - O nl y M od e
Fig.9 Mode Change
VCLK
SCL
SDA
ACK
1n
n<128
tVHZ
MODE
Transmit-oOnly
10
**
R/W
Bi-directional
Transition Mode with possibility to
return to Transmit-Only Mode
Bi-directional
parmanently
Tr a n s m i t - o n l y
B i -di r e c ti ona l
T r a ns i ti on M o de w i th pos sib ili t y
t o re tu ne to T r a nsmit - O nl y M od e
B i -di r e c ti ona l
parm a n ent l y
*
Don’t care


Similar Part No. - BR24C21

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C21 ROHM-BR24C21 Datasheet
671Kb / 12P
   ID ROM for CRT display
BR24C21 ROHM-BR24C21 Datasheet
711Kb / 23P
   EDID Memory (For display)
BR24C21-E2 ROHM-BR24C21-E2 Datasheet
1,012Kb / 22P
   Standard EEPROMs Plug & Play EEPROMs
BR24C21F ROHM-BR24C21F Datasheet
671Kb / 12P
   ID ROM for CRT display
BR24C21F ROHM-BR24C21F Datasheet
711Kb / 23P
   EDID Memory (For display)
More results

Similar Description - BR24C21

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C21 ROHM-BR24C21_11 Datasheet
711Kb / 23P
   EDID Memory (For display)
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
logo
Microchip Technology
24LC22A MICROCHIP-24LC22A Datasheet
312Kb / 24P
   2K VESA E - EDID SERIAL EEPROM
2001
24LCS22A MICROCHIP-24LCS22A Datasheet
302Kb / 24P
   2K VESA짰 E-EDID??Serial EEPROM
2003
24LCS22A MICROCHIP-24LCS22A_09 Datasheet
368Kb / 26P
   2K VESA짰 E-EDID??Serial EEPROM
2009
24LC22A-ISN MICROCHIP-24LC22A-ISN Datasheet
575Kb / 24P
   2K VESA짰 E-EDID??Serial EEPROM
10/05/07
24LC22A-I MICROCHIP-24LC22A-I Datasheet
575Kb / 24P
   2K VESA E-EDID Serial EEPROM
10/05/07
logo
Rohm
BR34E02FVT-3 ROHM-BR34E02FVT-3 Datasheet
403Kb / 20P
   Memory for Plug & Play DDR2/DDR3 SPD Memory (for Memory Modules)
BR34E02FVT-W ROHM-BR34E02FVT-W_09 Datasheet
484Kb / 19P
   DDR/DDR2 (For memory module) SPD Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com