Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU1570KN Datasheet(PDF) 5 Page - Rohm

Part # BU1570KN
Description  AIE: Adaptive Image Enhancer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU1570KN Datasheet(HTML) 5 Page - Rohm

  BU1570KN_09 Datasheet HTML 1Page - Rohm BU1570KN_09 Datasheet HTML 2Page - Rohm BU1570KN_09 Datasheet HTML 3Page - Rohm BU1570KN_09 Datasheet HTML 4Page - Rohm BU1570KN_09 Datasheet HTML 5Page - Rohm BU1570KN_09 Datasheet HTML 6Page - Rohm BU1570KN_09 Datasheet HTML 7Page - Rohm BU1570KN_09 Datasheet HTML 8Page - Rohm BU1570KN_09 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BU1570KN, BU1571KN
Technical Note
5/8
www.rohm.com
2009.04- Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Timing Chart
1.
Two-line serial interface
1.1 Two-line serial interface timing
Table 1.1-1 I
2C Interface timing
2.
Camera module interface
2.1. Camera module interface timing
The input timing of camera image signal on camera I/F is shown in Table 2.1-1.
The input timing of camera image signal on camera I/F is shown in Table 2.1-2.
Symbol
Explanation
MIN
TYP
MAX.
UNIT
tPCLK
Clock Cycle
19.
-
-
ns
dPCLK
Clock Duty
45
50
55
%
tPDV
Decision of CAMDO from CAMCKO
-
-
5
ns
tPHL, tPHH
Decision of CAMVSO or CAMHSO from CAMCKO
-
-
5
ns
Symbol
Parameter
MIN.
TYP.
MAX.
Unit
fSCL
SDC Clock Frequency
0
-
400
kHz
tHD;STA
Hold-time(repetition)『START』conditions
(The first clock pulse is generated after this period.)
0.6
-
-
us
fLOW
The "L" period of SDC clock
1.3
-
-
us
tHIGH
The "H" period of SDC clock
0.6
-
-
us
tSU;STA
Setup time of repetitive 『START』conditions
0.6
-
-
us
tHD;DAT
Hold time of SDA
0
-
us
tSU;DAT
Setup time of SDA
100
-
-
ns
tSU;STO
Setup time of the 『STOP』conditions
0.6
-
-
us
tBUF
BUS free time between 『STOP』conditions and the 『START』
conditions
1.3
-
-
us
Symbo
Explanation
MIN
TYP
MAX.
UNIT
tCMS
CAMCKI Rise / Fall Camera set-up Time
4
-
-
ns
tCMH
CAMCKI Rise / Fall Camera Hold Time
4
-
-
ns
tLOW
SDA
SDC
tHD;STA
tHD;DAT
tHIGH
tSU;DAT
tSU;STA
tHD;ST
tSU;STO
tBUF
Table 2.1-1 BU1570KN/BU1571KN timing (Camera data input)
Table 2.1-2
Camera data output timing
CAMVSI
CAMHSI
CAMDI0
CAMDI7
CAMCKI
(CKPOL=“1”)
CAMCKI
(CKPOL=“0”)
tCMS
tCMH
CAMVSO
CAMDO[7:0]
CAMHSO
CAMCKO
tPCLK
tPHH
tPHL
tPDV


Similar Part No. - BU1570KN_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1570KN ROHM-BU1570KN Datasheet
383Kb / 6P
   Camera Image Adaptive Enhancer IC for security devices
More results

Similar Description - BU1570KN_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1570KN ROHM-BU1570KN Datasheet
383Kb / 6P
   Camera Image Adaptive Enhancer IC for security devices
logo
National Semiconductor ...
LM1270 NSC-LM1270 Datasheet
1Mb / 27P
   Hi-Brite 200 MHz I2C Compatible RGB Image Enhancer with Video Auto Sizing
logo
New Japan Radio
NJM2209 NJRC-NJM2209 Datasheet
196Kb / 4P
   VIDEO PICTURE ENHANCER
logo
Digital View Ltd
IE-1000 DIGITALVIEW-IE-1000 Datasheet
2Mb / 2P
   The Digital View IE-1000 image enhancer board, improves 10 bit 120Hz display.
logo
CML Microcircuits
FX002 CMLMICRO-FX002 Datasheet
112Kb / 7P
   Signal to Noise Enhancer
logo
Weidmuller
9204550000 WEIDMULLER-9204550000 Datasheet
137Kb / 2P
   AIE M-SPX 0.25-1.5 S
September 28, 2021
logo
Intersil Corporation
QHX220 INTERSIL-QHX220 Datasheet
1Mb / 19P
   Active Isolation Enhancer and Interference Canceller
logo
Renesas Technology Corp
QHX220 RENESAS-QHX220 Datasheet
1Mb / 19P
   Active Isolation Enhancer and Interference Canceller
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com