Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2360FV Datasheet(PDF) 4 Page - Rohm

Part # BU2360FV
Description  DVD-video Reference Clock Generators for Audio/Video Equipments
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2360FV Datasheet(HTML) 4 Page - Rohm

  BU2360FV Datasheet HTML 1Page - Rohm BU2360FV Datasheet HTML 2Page - Rohm BU2360FV Datasheet HTML 3Page - Rohm BU2360FV Datasheet HTML 4Page - Rohm BU2360FV Datasheet HTML 5Page - Rohm BU2360FV Datasheet HTML 6Page - Rohm BU2360FV Datasheet HTML 7Page - Rohm BU2360FV Datasheet HTML 8Page - Rohm BU2360FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4/24
BU2362FV(VDD=3.3V, Ta=25℃, Crystal frequency 27.0000MHz, unless otherwise specified.)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Output L voltage
VOH
2.4
-
-
V
IOH=-4.0mA
Output H voltage
VOL
-
-
0.4
V
IOL=4.0mA
Action circuit current
IDD
-
35
45
mA
At no load
CLK512FS
CLK512-44
-
22.5792
-
MHz
At FSEL1=OPEN XTAL*3136/625/6
CLK512-48
-
24.5760
-
MHz
At FSEL1=L XTAL*2048/375/6
CLKA
CLKA-A
-
16.9344
-
MHz
At FSEL1=OPEN XTAL*3136/625/8
CLKA-B
-
36.8640
-
MHz
At FSEL1=L XTAL*2048/375/8
CLK36M
CLK36M
-
36.8640
-
MHz
XTAL*2048/375/4
CLK33M
CLK33M
-
33.8688
-
MHz
XTAL*3136/625/4
CLK16M
CLK16M
-
16.9344
-
MHz
XTAL*3136/625/8
CLK27M
CLK27M
-
27.0000
-
MHz
XTAL direct out
Duty
Duty
45
50
55
%
Measured at a voltage of 1/2 of VDD
Period-Jitter 1σ
P-J 1σ
-
70
-
psec
*1
Period-Jitter
MIN-MAX
P-J
MIN-MAX
-
420
-
psec
*2
Rise Time
Tr
-
2.5
-
nsec
Period of transition time required for the
output reach 80% from 20% of VDD.
Fall Time
Tf
-
2.5
-
nsec
Period of transition time required for the
output reach 20% from 80% of VDD.
Output Lock-Time
Tlock
-
-
1
msec
*3
Note) The output frequency is determined by the arithmetic (frequency division) expression of a frequency input to XTALIN.
If the input frequency is set to 27.0000MHz, the output frequency will be as listed above.
Common to BU2280FV, BU2288FV, BU2360FV and BU2362FV:
*1
Period-Jitter 1σ
This parameter represents standard deviation (
1 ) on cycle distribution data at the time when the output clock cycles are
sampled 1000 times consecutively with the TDS7104 Digital Phosphor Oscilloscope of Tektronix Japan, Ltd.
*2
Period-Jitter MIN-MAX
This parameter represents a maximum distribution width on cycle distribution data at the time when the output clock cycles
are sampled 1000 times consecutively with the TDS7104 Digital Phosphor Oscilloscope of Tektronix Japan, Ltd.
*3
Output Lock-Time
The Lock-Time represents elapsed time after power supply turns ON to reach a 3.0V voltage, after the system is switched
from Power-Down state to normal operation state, or after the output frequency is switched, until it is stabilized at a specified
frequency, respectively.
BU2360FV, BU2288FV
4
This parameter represents lower and upper limit voltages at the Schmitt trigger input PIN having hysteresis characteristics
shown in figure below. The width requested by these differences is assumed to be a hysteresis width.
0
Input Voltage [V]
VthLVthH
Vhys
0.2VDD
0.8VDD


Similar Part No. - BU2360FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
   Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
BU2360FV-E2 ROHM-BU2360FV-E2 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
More results

Similar Description - BU2360FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2285FV ROHM-BU2285FV_08 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
BU2365FV ROHM-BU2365FV_08 Datasheet
736Kb / 17P
   Clock Generator with Built-in VCXO for Audio/Video Equipments
logo
STMicroelectronics
STE5588 STMICROELECTRONICS-STE5588 Datasheet
197Kb / 3P
   DVD and DVB decoder for video and audio with DVD audio support
logo
Rohm
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
BU2363FV ROHM-BU2363FV_15 Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
logo
STMicroelectronics
STV6432 STMICROELECTRONICS-STV6432 Datasheet
184Kb / 15P
   Audio/Video Output Buffers for STB and DVD Devices
logo
Sanyo Semicon Device
LV71081E SANYO-LV71081E_11 Datasheet
423Kb / 31P
   For Video/Audio Signal Input/ Output Interface of DVD Recorder
logo
List of Unclassifed Man...
ICS66203 ETC-ICS66203 Datasheet
105Kb / 6P
   HDTV Audio/Video Clock Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com