Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2363FVFV-E2 Datasheet(PDF) 2 Page - Rohm

Part # BU2363FVFV-E2
Description  DVD-Audio Reference Clock Generator for Audio/Video Appliance
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2363FVFV-E2 Datasheet(HTML) 2 Page - Rohm

  BU2363FVFV-E2 Datasheet HTML 1Page - Rohm BU2363FVFV-E2 Datasheet HTML 2Page - Rohm BU2363FVFV-E2 Datasheet HTML 3Page - Rohm BU2363FVFV-E2 Datasheet HTML 4Page - Rohm BU2363FVFV-E2 Datasheet HTML 5Page - Rohm BU2363FVFV-E2 Datasheet HTML 6Page - Rohm BU2363FVFV-E2 Datasheet HTML 7Page - Rohm BU2363FVFV-E2 Datasheet HTML 8Page - Rohm BU2363FVFV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/16
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
BU2285FV
BU2363FV
Unit
Supply voltage
VDD
-0.5 ~ +7.0
-0.5 ~ +7.0
V
Input voltage
VIN
-0.5 ~ VDD+0.5
-0.5 ~ VDD+0.5
V
Storage temperature range
Tstg
-30 ~ +125
-30 ~ +125
Power dissipation
PD
630
*1
450
*2
mW
*1 In the case of exceeding at Ta = 25℃, 6.3mW should be reduced per 1℃
*2 In the case of exceeding at Ta = 25℃, 4.5mW should be reduced per 1℃
Operating is not guaranteed.
The radiation-resistance design is not carried out.
Power dissipation is measured when the IC is mounted to the printed circuit board.
Recommended Operating Range
Parameter
Symbol
BU2285FV
BU2363FV
Unit
Supply voltage
VDD
3.0 ~ 3.6
3.0 ~ 3.6
V
Input H voltage
VIH
0.8VDD ~ VDD
0.8VDD ~ VDD
V
Input L voltage
VIL
0.0 ~ 0.2VDD
0.0 ~ 0.2VDD
V
Operating temperature
Topr
-5 ~ +70
-10 ~ +70
Maximum output load
CL
15
15
pF
Electrical characteristics
BU2285FV(VDD=3.3V, Ta=25℃, Crystal frequency 36.8640MHz, unless otherwise specified.)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Output L voltage
VOL
0.4
V
IOL=4.0mA
Output H voltage
VOH
2.4
V
IOH=-4.0mA
Consumption current
IDD
30
50
mA
At no load
CLK54M
CLK54M
54.0000
MHz
XTAL×375 / 128 / 2
CLK27M
CLK27M
27.0000
MHz
XTAL×375 / 128 / 4
CLKDAC
CLKDAC_H
27.0000
MHz
At CTRLB=OPEN,
XTAL×375 / 128 / 4
CLKDAC_L
13.5000
MHz
At CTRLB=L,
XTAL×375 / 128 / 8
CLK33M
CLK33M
33.8688
MHz
XTAL×147 / 40 / 4
CLK16M
CLK16M
16.9344
MHz
XTAL×147 / 40 / 8
CLKA
CLKA_H
36.8640
MHz
At CTRLA=OPEN,
XTAL output
CLKA_L
33.8688
MHz
At CTRLA=L,
XTAL×147 / 40 / 4
CLKB
CLKB_H
18.4320
MHz
At CTRLA=OPEN,
XTAL / 2 output
CLKB_L
16.9344
MHz
At CTRLA=L,
XTAL×147 / 40 / 8
Duty
Duty
45
50
55
%
Measured at a voltage of 1/2VDD
Period-Jitter 1σ
P-J 1σ
50
psec
*1
Period-Jitter
MIN-MAX
P-J
MIN-MAX
300
psec
*2
Rise Time
Tr
2.5
nsec
Period of transition time required for the
clock output to reach 80% from 20% of VDD
Fall Time
Tf
2.5
nsec
Period of transition time required for the
clock output to reach 20% from 80% of VDD
Output Lock-Time
Tlock
1
msec
*3
Note) The output frequency is determined by the arithmetic (frequency division) expression of a frequency input to XTALIN.
If the input frequency is set to 36.8640MHz, the output frequency will be as listed above.


Similar Part No. - BU2363FVFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2363FV ROHM-BU2363FV Datasheet
395Kb / 6P
   Clock Generator
BU2363FV ROHM-BU2363FV Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2363FV-E2 ROHM-BU2363FV-E2 Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2363FV ROHM-BU2363FV_15 Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
More results

Similar Description - BU2363FVFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2280FV ROHM-BU2280FV_08 Datasheet
1Mb / 25P
   DVD-video Reference Clock Generators for Audio/Video Equipments
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2363FV ROHM-BU2363FV_15 Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
logo
List of Unclassifed Man...
FS6011-02 ETC-FS6011-02 Datasheet
234Kb / 15P
   DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
logo
STMicroelectronics
STE5588 STMICROELECTRONICS-STE5588 Datasheet
197Kb / 3P
   DVD and DVB decoder for video and audio with DVD audio support
logo
PhaseLink Corporation
PLL601-26 PLL-PLL601-26 Datasheet
114Kb / 4P
   Audio Clock Generator
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com