Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU3071HFV Datasheet(PDF) 7 Page - Rohm

Part # BU3071HFV
Description  Compact 1ch Clock Generators for Digital Cameras
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU3071HFV Datasheet(HTML) 7 Page - Rohm

Back Button BU3071HFV_08 Datasheet HTML 3Page - Rohm BU3071HFV_08 Datasheet HTML 4Page - Rohm BU3071HFV_08 Datasheet HTML 5Page - Rohm BU3071HFV_08 Datasheet HTML 6Page - Rohm BU3071HFV_08 Datasheet HTML 7Page - Rohm BU3071HFV_08 Datasheet HTML 8Page - Rohm BU3071HFV_08 Datasheet HTML 9Page - Rohm BU3071HFV_08 Datasheet HTML 10Page - Rohm BU3071HFV_08 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7/20
Fig.33 78MHz spectrum
(VDD=3.3V,CL=15pF,Ta=25℃)
10kHz/div
RBW:1kHz
VBW:100Hz
Reference data (BU7322HFV basic data)
Reference data (BU7325HFV basic data)
10kHz/div
Fig.26 36MHz Period-Jitter
(VDD=3.3V,CL=15pF,Ta=25℃)
Fig.24 49.5MHz spectrum
(VDD=3.3V,CL=15pF,Ta=25℃)
Fig.23 49.5MHz Period-Jitter
(VDD=3.3V,CL=15pF,Ta=25℃)
Fig.22 49.5MHz output waveform
(VDD=3.3V,CL=15pF,Ta=25℃)
500psec/div
500psec/div
5nsec/div
10kHz/div
Fig.25 36MHz output waveform
(VDD=3.3V,CL=15pF,Ta=25℃)
10nsec/div
Fig.27 36MHz spectrum
(VDD=3.3V,CL=15pF,Ta=25℃)
10kHz/div
RBW:1kHz
VBW:100Hz
RBW:1kHz
VBW:100Hz
Fig.32 78MHz Period-Jitter
(VDD=3.3V,CL=15pF,Ta=25℃)
Fig.29 48MHz Period-Jitter
(VDD=3.3V,CL=15pF,Ta=25℃)
Fig.28 48MHz output waveform
(VDD=3.3V,CL=15pF,Ta=25℃)
500psec/div
500psec/div
5nsec/div
Fig.31 78MHz output waveform
(VDD=3.3V,CL=15pF,Ta=25℃)
10nsec/div
Fig.30 48MHz spectrum
(VDD=3.3V,CL=15pF,Ta=25℃)
RBW:1kHz
VBW:100Hz


Similar Part No. - BU3071HFV_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BU3071HFV ROHM-BU3071HFV Datasheet
239Kb / 6P
   Clock Generator
More results

Similar Description - BU3071HFV_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7344HFV ROHM-BU7344HFV Datasheet
477Kb / 14P
   Compact 1ch Clock Generators for Digital Cameras
BU2396KN ROHM-BU2396KN_15 Datasheet
1Mb / 24P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_08 Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_15 Datasheet
1Mb / 25P
   3ch Clock Generator for Digital Cameras
logo
Panasonic Semiconductor
MN6160P PANASONIC-MN6160P Datasheet
151Kb / 5P
   CMOS LSI Synchronizing Signal Generators for Color Video Cameras
logo
Connor-Winfield Corpora...
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
387Kb / 16P
   Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
SCG4500 CONNOR-WINFIELD-SCG4500 Datasheet
2Mb / 16P
   Synchronous Clock Generators
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
   Synchronous Clock Generators
SCG4001 CONNOR-WINFIELD-SCG4001 Datasheet
334Kb / 12P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com