Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4011B Datasheet(PDF) 10 Page - Rohm

Part # BU4011B
Description  High Voltage CMOS Logic ICs Gate>
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4011B Datasheet(HTML) 10 Page - Rohm

Back Button BU4011B Datasheet HTML 6Page - Rohm BU4011B Datasheet HTML 7Page - Rohm BU4011B Datasheet HTML 8Page - Rohm BU4011B Datasheet HTML 9Page - Rohm BU4011B Datasheet HTML 10Page - Rohm BU4011B Datasheet HTML 11Page - Rohm BU4011B Datasheet HTML 12Page - Rohm BU4011B Datasheet HTML 13Page - Rohm BU4011B Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F,
BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV
Technical Note
10 / 21
6
Switching Characteristics
Description of Symbols
(1) tPHL: Time up to 50% of rise time of input waveform
~ 50% of fall time of output waveform
(2) tPLH: Time up to 50% of fall time of input waveform
~ 50% of rise time of output waveform
(3) tTHL: Time up to 90% ~ 10% of fall time of output waveform
(4) tTLH: Time up to 10% ~ 90% of rise time of output waveform
Description of Symbols
(1) tPLH: Time up to 50% of rise time of input waveform
~50% of rise time of output waveform
(2) tPHL: Time up to 50% of fall time of input waveform
~ 50% of fall time of output waveform
(3) tTLH: Time up to 10% ~ 90% of rise time of output waveform
(4) tTHL: Time up to 90% ~ 10% of fall time of output waveform
90%
50%
10%
90%
50%
10%
20[ns
]
20[ns
]
④tTHL
①tpLH
Inpu
t
Outpu
t
③tTLH
②tpHL
90%
50%
10%
10%
50%
90%
20[ns
]
20[ns
]
Inpu
t
Output
①tPHL
②tPLH
③tTHL
④tTLH


Similar Part No. - BU4011B

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4011B ROHM-BU4011B Datasheet
48Kb / 4P
   Quad 2-input NAND gate
BU4011B ROHM-BU4011B Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4011BF ROHM-BU4011BF Datasheet
48Kb / 4P
   Quad 2-input NAND gate
BU4011BFE2 ROHM-BU4011BFE2 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4011BFV ROHM-BU4011BFV Datasheet
48Kb / 4P
   Quad 2-input NAND gate
More results

Similar Description - BU4011B

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4001B ROHM-BU4001B_11 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4SU69G2-TR ROHM-BU4SU69G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S11G2-TR ROHM-BU4S11G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S71G2-TR ROHM-BU4S71G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4015B ROHM-BU4015B_09 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4S81G2-TR ROHM-BU4S81G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4066BC ROHM-BU4066BC_09 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BC ROHM-BU4066BC_11 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4S66G2 ROHM-BU4S66G2_09 Datasheet
337Kb / 8P
   Single Gate CMOS Logic ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com