Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4094BCF Datasheet(PDF) 9 Page - Rohm

Part # BU4094BCF
Description  High Voltage CMOS Logic ICs Logic>
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4094BCF Datasheet(HTML) 9 Page - Rohm

Back Button BU4094BCF Datasheet HTML 5Page - Rohm BU4094BCF Datasheet HTML 6Page - Rohm BU4094BCF Datasheet HTML 7Page - Rohm BU4094BCF Datasheet HTML 8Page - Rohm BU4094BCF Datasheet HTML 9Page - Rohm BU4094BCF Datasheet HTML 10Page - Rohm BU4094BCF Datasheet HTML 11Page - Rohm BU4094BCF Datasheet HTML 12Page - Rohm BU4094BCF Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Technical Note
BU4015B,BU4015BF,BU4021B,BU4021BF,
BU4094BC,BU4094BCF,BU4094BCFV,BU4538B,BU4028B
9/17
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics Curves(BU4021B)
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
10
20
30
40
50
0
5
10
15
20
Output Voltage [V]
0
10
20
30
40
50
0
5
10
15
20
Output Voltage [V]
Fig.16 Propagation delay tPHL
P/S→QS
Fig.13 Propagation delay tPLH
CLK→QS
Fig.17 Set up time tsu
Q→CLK
Fig.18 Hold time th
CLK→Q
Fig.19 Minimum CLK
pulse width
Fig.14 Propagation delay tPHL
CLK→QS
Fig.15 Propagation delay tPLH
P/S→QS
VDD=3[V]
VDD=3[V]
VDD=3[V]
VDD=5[V]
VDD=5[V]
VDD=5[V]
VDD=10[V]
VDD=10[V]
VDD=16[V]
VDD=16[V]
VDD=16[V]
VDD=10[V]
VDD=3[V]
VDD=5[V]
VDD=16[V]
VDD=10[V]
Fig.12 Output sink
current-voltage
Fig.11 Output source
current-voltage
VDD=5[V]
VDD=16[V]
VDD=10[V]
Fig.20 Minimum P/S
pulse width
VDD=3[V]
VDD=5[V]
VDD=16[V]
VDD=10[V]
VDD=3[V]
VDD=5[V]
VDD=16[V]
VDD=10[V]
VDD=3[V]
VDD=3[V]
VDD=5[V]
VDD=10[V]
VDD=16[V]
25[℃]
85[℃]
-40[℃]
-40[℃]
25[℃]
85[℃]
-40[℃]
25[℃]
85[℃]
-40[℃]
25[℃]
85[℃]
-40[℃]
25[℃]
85[℃]
-40[℃]
25[℃]
85[℃]
[BU4021B/F]
[BU4021B/F]
Switching characteristics
VDD=10[V]
VDD=15[V]
VDD=5[V]
VDD=10[V]
VDD=15[V]
VDD=5[V]
90%
50%
10%
20[ns]
20[ns]
90%
50%
10%
tsu
CLOCK
or
P/S
tf
90%
50%
10%
tPLH
tPHL
tTLH
tTHL
OUTPUT
tW
tr
th
VDD
GND(VSS)
VDD
GND(VSS)
VOH
VOL
Parallel Data
or
Serial Data
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
[BU4021B/F]
[BU4021B/F]
[BU4021B/F]
[BU4021B/F]
[BU4021B/F]
[BU4021B/F]
[BU4021B/F]
[BU4021B/F]


Similar Part No. - BU4094BCF

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4094BCF ROHM-BU4094BCF Datasheet
88Kb / 5P
   8-bit compatible shift / store register
BU4094BCF ROHM-BU4094BCF Datasheet
1Mb / 23P
   8bit Static Shift/Store Register
logo
List of Unclassifed Man...
BU4094BCF ETC2-BU4094BCF Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Rohm
BU4094BCF-E2 ROHM-BU4094BCF-E2 Datasheet
1Mb / 23P
   8bit Static Shift/Store Register
BU4094BCFV ROHM-BU4094BCFV Datasheet
88Kb / 5P
   8-bit compatible shift / store register
More results

Similar Description - BU4094BCF

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4001B ROHM-BU4001B_11 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4001B ROHM-BU4001B_09 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4066BC ROHM-BU4066BC_09 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BC ROHM-BU4066BC_11 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4SU69G2-TR ROHM-BU4SU69G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S11G2-TR ROHM-BU4S11G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S71G2-TR ROHM-BU4S71G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S81G2-TR ROHM-BU4S81G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
logo
Silicon Supplies
CD4013B SS-CD4013B Datasheet
692Kb / 6P
   CMOS High Voltage Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com