Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU3073HFV-TR Datasheet(PDF) 4 Page - Rohm

Part # BU3073HFV-TR
Description  Compact 1ch Clock Generators for Digital Cameras
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU3073HFV-TR Datasheet(HTML) 4 Page - Rohm

  BU3073HFV-TR Datasheet HTML 1Page - Rohm BU3073HFV-TR Datasheet HTML 2Page - Rohm BU3073HFV-TR Datasheet HTML 3Page - Rohm BU3073HFV-TR Datasheet HTML 4Page - Rohm BU3073HFV-TR Datasheet HTML 5Page - Rohm BU3073HFV-TR Datasheet HTML 6Page - Rohm BU3073HFV-TR Datasheet HTML 7Page - Rohm BU3073HFV-TR Datasheet HTML 8Page - Rohm BU3073HFV-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4/20
BU7322HFV(Ta=25℃, VDD=3.3V, Crystal frequency=27.0000MHz, unless otherwise specified.)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Output H voltage
VOH
2.8
-
-
V
IOH=-4.0mA
Output L voltage
VOL
-
-
0.5
V
IOL=4.0mA
Pull-down resistance
Rpd
25
50
100
Pull-down resistance on input pin
Consumption current 1
IDD
-
10
13.5
mA
49.5MHz output, at no load
Consumption current 2
IDD2
-
9.5
13.0
mA
36.0MHz output, at no load
Standby current
IDDst
-
-
1
μ
A
OE=L
Output frequency
CLK_49.5
-
49.5000
-
MHz
SEL=L, IN*66/6/6
CLK_36
-
36.0000
-
MHz
SEL=H, IN*64/6/8
The following parameters represent design guaranteed performance.
Duty
Duty
45
50
55
%
Measured at a voltage of 1/2 of VDD
Period-Jitter 1σ
PJsSD
-
50
-
psec
1
Period-Jitter MIN-MAX
PJsABS
-
300
-
psec
2
Rise time
tr
-
2.5
-
nsec
Period of transition time required for the
output to reach 80% from 20% of VDD.
Provided with 15pF output load.
Fall time
tf
-
2.5
-
nsec
Period of transition time required for the
output to reach 20% from 80% of VDD.
Provided with 15pF output load.
Output Lock time
tLOCK
-
-
200
usec
3
Note) The output frequency is determined by the arithmetic (frequency division) expression of a frequency input to IN.
If the input frequency is set to 27.0000MHz, the output frequency will be as listed above.
BU7325HFV(Ta=25℃, VDD=3.3V, Crystal frequency=27.0000MHz, unless otherwise specified.)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Output H voltage
VOH
2.8
-
-
V
IOH=-4.0mA
Output L voltage
VOL
-
-
0.5
V
IOL=4.0mA
Pull-down resistance
Rpd
25
50
100
Pull-down resistance on input pin
Consumption current 1
IDD1
-
11
15
mA
OE=H, SEL=L, at no load
Consumption current 2
IDD2
-
12
16.5
mA
OE=H, SEL=H, at no load
Standby current
IDDst
-
-
1
μ
A
OE=L
Output frequency
CLK_48
-
48.0000
-
MHz
SEL=L, IN*96/9/6
CLK_78
-
78.0000
-
MHz
SEL=H, IN*104/9/4
The following parameters represent design guaranteed performance.
Duty
Duty
45
50
55
%
Measured at a voltage of 1/2 of VDD
Period-Jitter 1σ
PJsSD
-
50
-
psec
1
Period-Jitter MIN-MAX
PJsABS
-
300
-
psec
2
Rise time
tr
-
1.5
-
nsec
Period of transition time required for the
output to reach 80% from 20% of VDD.
Provided with 15pF output load.
Fall time
tf
-
1.5
-
nsec
Period of transition time required for the
output to reach 20% from 80% of VDD.
Provided with 15pF output load.
Output Lock time
tLOCK
-
-
200
usec
3
Note) The output frequency is determined by the arithmetic (frequency division) expression of a frequency input to IN.
If the input frequency is set to 27.0000MHz, the output frequency will be as listed above.
Common to BU3071HFV, BU3072HFV, BU3073HFV, BU3076HFV, BU7322HFV, BU7325HFV
1
Period-Jitter 1σ
This parameter represents standard deviation (
1σ) on cycle distribution data at the time when the output clock cycles are
sampled 1000 times consecutively with the TDS7104 Digital Phosphor Oscilloscope of Tektronix Japan, Ltd.
2
Period-Jitter MIN-MAX
This parameter represents a maximum distribution width on cycle distribution data at the time when the output clock cycles are
sampled 1000 times consecutively with the TDS7104 Digital Phosphor Oscilloscope of Tektronix Japan, Ltd.
3
Output Lock Time
This parameter represents elapsed time after power supply turns ON to reach a voltage of 3.0 V, after the system is switched from
Power-Down state to normal operation state, or after the output frequency is switched, until it is stabilized at a specified frequency,
respectively.


Similar Part No. - BU3073HFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU3073HFV ROHM-BU3073HFV Datasheet
245Kb / 6P
   Clock generator
More results

Similar Description - BU3073HFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7344HFV ROHM-BU7344HFV Datasheet
477Kb / 14P
   Compact 1ch Clock Generators for Digital Cameras
BU2396KN ROHM-BU2396KN_15 Datasheet
1Mb / 24P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_08 Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_15 Datasheet
1Mb / 25P
   3ch Clock Generator for Digital Cameras
logo
Panasonic Semiconductor
MN6160P PANASONIC-MN6160P Datasheet
151Kb / 5P
   CMOS LSI Synchronizing Signal Generators for Color Video Cameras
logo
Connor-Winfield Corpora...
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
387Kb / 16P
   Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
SCG4500 CONNOR-WINFIELD-SCG4500 Datasheet
2Mb / 16P
   Synchronous Clock Generators
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
   Synchronous Clock Generators
SCG4001 CONNOR-WINFIELD-SCG4001 Datasheet
334Kb / 12P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com