Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4829 Datasheet(PDF) 1 Page - Rohm

Part # BU4829
Description  Low Voltage Standard CMOS Voltage Detector IC Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4829 Datasheet(HTML) 1 Page - Rohm

  BU4829 Datasheet HTML 1Page - Rohm BU4829 Datasheet HTML 2Page - Rohm BU4829 Datasheet HTML 3Page - Rohm BU4829 Datasheet HTML 4Page - Rohm BU4829 Datasheet HTML 5Page - Rohm BU4829 Datasheet HTML 6Page - Rohm BU4829 Datasheet HTML 7Page - Rohm BU4829 Datasheet HTML 8Page - Rohm BU4829 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/8
www.rohm.com
2009.06 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
Voltage Detector IC Series
Low Voltage Standard
CMOS Voltage Detector IC Series
BU48
□□G, BU48□□F, BU48□□FVE, BU49□□G, BU49□□F, BU49□□FVE series
 Description
ROHM standard CMOS reset IC series is a high-accuracy low current consumption reset IC series.
The lineup was established with two output types (Nch open drain and CMOS output) and detection voltage range from
0.9V to 4.8V in increments of 0.1V, so that the series may be selected according to the application at hand.
 Features
1)
Detection voltage from 0.9V to 4.8V in 0.1V increments
2)
Highly accurate detection voltage: ±1.0%
3)
Ultra-low current consumption
4)
Nch open drain output (BU48
□□G/F/FVE)and CMOS output (BU49□□G/F/FVE)
5)
Small surface package
SSOP5: BU48
□□G,BU49□□G
SOP4: BU48
□□F,BU49□□F
VSOF5: BU48
□□FVE,BU49□□FVE
 Applications
All electronics devices that use microcontrollers and logic circuits.
 Selection Guide
 Lineup
Making
Detection
voltage
Part
Number
Making
Detection
voltage
Part
Number
Making
Detection
voltage
Part
Number
Making
Detection
voltage
Part
Number
JR
4.8V
BU4848
HV
2.8V
BU4828
LH
4.8V
BU4948
KM
2.8V
BU4928
JQ
4.7V
BU4847
HU
2.7V
BU4827
LG
4.7V
BU4947
KL
2.7V
BU4927
JP
4.6V
BU4846
HT
2.6V
BU4826
LF
4.6V
BU4946
KK
2.6V
BU4926
JN
4.5V
BU4845
HS
2.5V
BU4825
LE
4.5V
BU4945
KJ
2.5V
BU4925
JM
4.4V
BU4844
HR
2.4V
BU4824
LD
4.4V
BU4944
KH
2.4V
BU4924
JL
4.3V
BU4843
HQ
2.3V
BU4823
LC
4.3V
BU4943
KG
2.3V
BU4923
JK
4.2V
BU4842
HP
2.2V
BU4822
LB
4.2V
BU4942
KF
2.2V
BU4922
JJ
4.1V
BU4841
HN
2.1V
BU4821
LA
4.1V
BU4941
KE
2.1V
BU4921
JH
4.0V
BU4840
HM
2.0V
BU4820
KZ
4.0V
BU4940
KD
2.0V
BU4920
JG
3.9V
BU4839
HL
1.9V
BU4819
KY
3.9V
BU4939
KC
1.9V
BU4919
JF
3.8V
BU4838
HK
1.8V
BU4818
KX
3.8V
BU4938
KB
1.8V
BU4918
JE
3.7V
BU4837
HJ
1.7V
BU4817
KW
3.7V
BU4937
KA
1.7V
BU4917
JD
3.6V
BU4836
HH
1.6V
BU4816
KV
3.6V
BU4936
JZ
1.6V
BU4916
JO
3.5V
BU4835
HG
1.5V
BU4815
KU
3.5V
BU4935
JY
1.5V
BU4915
JB
3.4V
BU4834
HF
1.4V
BU4814
KT
3.4V
BU4934
JX
1.4V
BU4914
JA
3.3V
BU4833
HE
1.3V
BU4813
KS
3.3V
BU4933
JW
1.3V
BU4913
HZ
3.2V
BU4832
HD
1.2V
BU4812
KR
3.2V
BU4932
JV
1.2V
BU4912
HY
3.1V
BU4831
HC
1.1V
BU4811
KQ
3.1V
BU4931
JU
1.1V
BU4911
HX
3.0V
BU4830
HB
1.0V
BU4810
KP
3.0V
BU4930
JT
1.0V
BU4910
HW
2.9V
BU4829
HA
0.9V
BU4809
KN
2.9V
BU4929
JS
0.9V
BU4909
No.
Specifications
Description
1
Output Circuit Format
8:Open Drain Output, 9:CMOS Output
2
Detection Voltage
Example VDET: Represented as 0.1V steps in the
range from 0.9V to 4.8V
(Displayed as 0.9 in the case of 0.9V)
3
Package
G:SSOP5(SMP5C2)/ F:SOP4/ FVE:VSOF5(EMP5)
No.09006ECT01
Part Number : BU4
1
2
3


Similar Part No. - BU4829

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4829 ROHM-BU4829 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4829 ROHM-BU4829 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
BU4829 ROHM-BU4829 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4829 ROHM-BU4829 Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4829 ROHM-BU4829 Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
More results

Similar Description - BU4829

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com