Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE440 Datasheet(PDF) 5 Page - Won-Top Electronics

Part # 1.5KE440
Description  1500W TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

1.5KE440 Datasheet(HTML) 5 Page - Won-Top Electronics

  1.5KE440 Datasheet HTML 1Page - Won-Top Electronics 1.5KE440 Datasheet HTML 2Page - Won-Top Electronics 1.5KE440 Datasheet HTML 3Page - Won-Top Electronics 1.5KE440 Datasheet HTML 4Page - Won-Top Electronics 1.5KE440 Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
1.5KE SERIES
5 of 5
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
1.5KExx-T3
DO-201AE
1250/Tape & Reel
1.5KExx-TB
DO-201AE
1250/Tape & Box
1.5KExx
DO-201AE
500 Units/Box
1.5KExxA-T3
DO-201AE
1250/Tape & Reel
1.5KExxA-TB
DO-201AE
1250/Tape & Box
1.5KExxA
DO-201AE
500 Units/Box
1.5KExxC-T3
DO-201AE
1250/Tape & Reel
1.5KExxC-TB
DO-201AE
1250/Tape & Box
1.5KExxC
DO-201AE
500 Units/Box
1.5KExxCA-T3
DO-201AE
1250/Tape & Reel
1.5KExxCA-TB
DO-201AE
1250/Tape & Box
1.5KExxCA
DO-201AE
500 Units/Box
Products listed in bold are WTE Preferred devices.
!T3 suffix refers to a 13” reel. TB suffix refers to Ammo Pack.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - 1.5KE440

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
1.5KE440 WILLAS-1.5KE440 Datasheet
670Kb / 4P
   REVERSE VOLTAGE 6.8 to 600 Volts PEAK PULSE POWER 1500 WATTS
logo
Transys Electronics
1.5KE440 TRSYS-1.5KE440 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Goodwork Semiconductor ...
1.5KE440 GWSEMI-1.5KE440 Datasheet
178Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
List of Unclassifed Man...
1.5KE440 ETC1-1.5KE440 Datasheet
91Kb / 6P
   1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
1.5KE440 TSC-1.5KE440 Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
More results

Similar Description - 1.5KE440

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
1.5KE ZSELEC-1.5KE Datasheet
328Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
SMCJ5.0CA HUAXINAN-SMCJ5.0CA_V01 Datasheet
420Kb / 5P
   1500W Transient Voltage Suppressors
1.5KE6.8CA HUAXINAN-1.5KE6.8CA_V01 Datasheet
365Kb / 5P
   1500W Transient Voltage Suppressors
1.5SMBJ6.8CA HUAXINAN-1.5SMBJ6.8CA Datasheet
426Kb / 4P
   1500W Transient Voltage Suppressors
logo
Won-Top Electronics
1-5KE WTE-1-5KE Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Semtech Corporation
1N6138 SEMTECH-1N6138_07 Datasheet
133Kb / 5P
   1500W Bipolar Transient Voltage Suppressors
1N6138 SEMTECH-1N6138_10 Datasheet
94Kb / 5P
   1500W Bipolar Transient Voltage Suppressors
logo
Digitron Semiconductors
1N5610 DIGITRON-1N5610 Datasheet
106Kb / 2P
   1500W TRANSIENT VOLTAGE SUPPRESSORS UNIDIRECTIONAL
logo
New Jersey Semi-Conduct...
1N6138 NJSEMI-1N6138 Datasheet
246Kb / 2P
   1500W BIPOLAR TRANSIENT VOLTAGE SUPPRESSORS
logo
Won-Top Electronics
15SMCJ WTE-15SMCJ Datasheet
64Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com