Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3KP28 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # 3KP28
Description  3000W TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

3KP28 Datasheet(HTML) 2 Page - Won-Top Electronics

  3KP28 Datasheet HTML 1Page - Won-Top Electronics 3KP28 Datasheet HTML 2Page - Won-Top Electronics 3KP28 Datasheet HTML 3Page - Won-Top Electronics 3KP28 Datasheet HTML 4Page - Won-Top Electronics 3KP28 Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1
10
100
200
100
1000
10,000
100,000
V
, REVERSE STANDOFF VOLTAGE (V)
Fig. 2 Typical Junction Capacitance
RWM
T = 25 C
j
°
Measured at
Zero Bias
Stand-Off
Voltage V
R
Measured at
0.1
1.0
10
100
1000
10,000
1.0
10
100
1000
T PULSE WIDTH ( s)
Fig. 3 Pulse Derating Curve
P,
µ
L = 9.5 mm
20x20x1mmCu
0
25
50
75
100
125
150
175
200
0
1.5
3.0
4.5
6.0
T , LEAD TEMPERATURE ( C)
Fig. 5 Steady State Power Derating
L
°
Single Phase
Half-Wave 60Hz
Resistive or
Inductive Load
10 X 1000 Waveform
as defind by REA
025
50
75
100
125
150
175
200
100
75
50
25
0
T , AMBIENT TEMPERATURE ( C)
Fig. 4 Pulse Derating Curve
A
°
01
2
3
100
50
0
t = 10 s
r
µ
Peak Value I
pp
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
t
p
t, TIME (ms)
Fig. 1 Pulse Waveform
3KP SERIES
2 of 5
© 2002 Won-Top Electronics


Similar Part No. - 3KP28

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP28 PANJIT-3KP28 Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Socay Electornics Co., ...
3KP28 SOCAY-3KP28 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Surge Components
3KP28 SURGE-3KP28 Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Pan Jit International I...
3KP28 PANJIT-3KP28 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
logo
Formosa MS
3KP28 FORMOSA-3KP28 Datasheet
69Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
More results

Similar Description - 3KP28

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
3KP ZSELEC-3KP Datasheet
230Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
SMDJ5.0CA HUAXINAN-SMDJ5.0CA Datasheet
472Kb / 5P
   3000W Transient Voltage Suppressors
SMDJ5.0CA-3 HUAXINAN-SMDJ5.0CA-3 Datasheet
504Kb / 4P
   3000W Transient Voltage Suppressors
logo
DONGGUAN YOU FENG WEI E...
3KP5.0A YFWDIODE-3KP5.0A Datasheet
603Kb / 5P
   3000W Axial Leaded Transient Voltage Suppressors PPP 3000W
logo
UN Semiconducctor INC
SMDJ-AT UNSEMI-SMDJ-AT Datasheet
2Mb / 6P
   3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Bytesonic Electronics C...
SMDJ BYTESONIC-SMDJ Datasheet
609Kb / 4P
   3000W Surface Mount Transient Voltage Suppressors
logo
Won-Top Electronics
30SMCJ WTE-30SMCJ Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
SMDT UNSEMI-SMDT Datasheet
2Mb / 5P
   5.0 To 75V 3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
TPSMDJ UNSEMI-TPSMDJ Datasheet
2Mb / 6P
   10 To 78V 3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
TAITRON Components Inco...
3KP5.0A TAITRON-3KP5.0A Datasheet
222Kb / 6P
   3000W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com