Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4341 Datasheet(PDF) 5 Page - Rohm

Part # BU4341
Description  Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4341 Datasheet(HTML) 5 Page - Rohm

  BU4341 Datasheet HTML 1Page - Rohm BU4341 Datasheet HTML 2Page - Rohm BU4341 Datasheet HTML 3Page - Rohm BU4341 Datasheet HTML 4Page - Rohm BU4341 Datasheet HTML 5Page - Rohm BU4341 Datasheet HTML 6Page - Rohm BU4341 Datasheet HTML 7Page - Rohm BU4341 Datasheet HTML 8Page - Rohm BU4341 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Technical Note
5/11
BU42□□G series, BU42□□F series, BU42□□FVE series,
BU43□□G series, BU43□□F series, BU43□□FVE series
www.rohm.com
2009.11 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
Setting of Detector Delay Time
This detector IC can be set delay time at the rise of VDD by the capacitor connected to CT terminal.
Delay time at the rise of VDD TPLH:Time until when Vout rise to 1/2 of VDD after VDD rise up and beyond the release
voltage(VDET+∆VDET)
TPLH=-1×CCT×RCT×ln
CCT:
CT pin Externally Attached Capacitance
VCTH:
CT pin Threshold Voltage(P.2 VCTH refer.)
RCT:
CT pin Internal Impedance(P.2 RCT refer.) Ln:
Natural Logarithm
Reference Data of Falling Time (TPHL) Output
Examples of Falling Time (TPHL) Output
Part Number
TPHL [µs]
BU4245G
275.7
BU4345G
359.3
* This data is for reference only.
The figures will vary with the application, so please confirm actual operating conditions before use.
Explanation of Operation
For both the open drain type(Fig.15)and the CMOS output type(Fig.16), the detection and release voltages are used as
threshold voltages. When the voltage applied to the Vdd pins reaches the applicable threshold voltage, the Vout terminal
voltage switches from either “High” to “Low” or from “Low” to “High”. BU42□□G/F/FVE and BU43□□G/F/FVE have delay
time function which set TPLH (Output “Low””High”) using an external capacitor (CCT). Because the BU42□□G/F/FVE
series uses an open drain output type, it is possible to connect a pull-up resistor to VDD or another power supply [The
output “High” voltage (VOUT) in this case becomes VDD or the voltage of the other power supply].
Fig.15 (BU42□□ type internal block diagram)
Fig.16 (BU43□□ type internal block diagram)
Timing Waveforms
Example: the following shows the relationship between the input voltage VDD, the CT Terminal Voltage VCT and the output
voltage VOUT when the input power supply voltage VDD is made to sweep up and sweep down (The circuits are those in
Fig.15 and 16).
When the power supply is turned on, the output is unsettled from
after over the operating limit voltage (VOPL) until TPHL. There fore it is
possible that the reset signal is not outputted when the rise time of
VDD is faster than TPHL.
When VDD is greater than VOPL but less than the reset release
voltage (VDET+∆VDET), the CT terminal (VCT) and output (VOUT)
voltages will switch to L.
If VDD exceeds the reset release voltage (VDET+VDET), then VOUT
switches from L to H (with a delay to the CT terminal).
If VDD drops below the detection voltage (VDET) when the power
supply is powered down or when there is a power supply fluctuation,
VOUT switches to L (with a delay of TPHL).
The potential difference between the detection voltage and the
release voltage is known as the hysteresis width (VDET). The system
is designed such that the output does not flip-flop with power supply
fluctuations within this hysteresis width, preventing malfunctions due
to noise.
VDD-VCTH
VDD
Vref
VDD
GND
CT
R1
R2
R3
Q3
Q1
VOUT
RESET
VDD
Vref
VDD
GND
CT
R1
R2
R3
Q3
Q2
VOUT
RESET
Q1
VDD
VDD
VDET+ΔVDET
VDET
VOPL
0V
1/2 VDD
TPHL
TPLH
TPHL
TPLH
VCT
VOUT
Fig.17


Similar Part No. - BU4341

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4341 ROHM-BU4341 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4341 ROHM-BU4341 Datasheet
454Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4341 ROHM-BU4341 Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU4341 ROHM-BU4341 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4341 ROHM-BU4341 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BU4341

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4220G-TR ROHM-BU4220G-TR Datasheet
454Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4227F-TR ROHM-BU4227F-TR Datasheet
502Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4240G-TR ROHM-BU4240G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4227FVE-TR ROHM-BU4227FVE-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4228G-TR ROHM-BU4228G-TR Datasheet
391Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU42XX ROHM-BU42XX Datasheet
447Kb / 17P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
03.Feb.2014 Rev.008
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BU4248 ROHM-BU4248_13 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4231G-TR ROHM-BU4231G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com