Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4340 Datasheet(PDF) 9 Page - Rohm

Part # BU4340
Description  Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4340 Datasheet(HTML) 9 Page - Rohm

Back Button BU4340 Datasheet HTML 4Page - Rohm BU4340 Datasheet HTML 5Page - Rohm BU4340 Datasheet HTML 6Page - Rohm BU4340 Datasheet HTML 7Page - Rohm BU4340 Datasheet HTML 8Page - Rohm BU4340 Datasheet HTML 9Page - Rohm BU4340 Datasheet HTML 10Page - Rohm BU4340 Datasheet HTML 11Page - Rohm BU4340 Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Technical Note
9/11
BU42□□G series, BU42□□F series, BU42□□FVE series,
BU43□□G series, BU43□□F series, BU43□□FVE series
www.rohm.com
2009.11 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
13. Delay time (tPLH)
tPLH = τ × RCT × CCT (sec)
τ: time constant
RCT : 10MΩ (typ.) (built-in resistor)
CCT : capacitor connected CT pin.
Recommended value of CCT capacitor is over 100pF.
The reference value
(τ × RCT) ×10
6
VDET = 0.9 to 2.5V
Ta = 25°C
(min. = 5.1 × 10
6
typ.= 6.0 × 10
6
max = 6.9 × 10
6)
Ta = -25 to 125°C (min. = 3.3 × 10
6
typ. = 6.0 × 10
6
max = 8.7 × 10
6)
VDET = 2.6 to 4.8V
Ta = 25°C
(min. = 5.9 × 10
6
typ.= 6.9 × 10
6
max = 7.9 × 10
6)
Ta = -25 to 125°C (min. = 3.8 × 10
6
typ.= 6.9 × 10
6
max = 10.0 × 10
6)
14. External parameters
The recommended parameter range for CT is 100pF~0.1µF. For RL, the recommended range is 50kΩ~1MΩ. There
are many factors (board layout, etc) that can affect characteristics. Please verify and confirm using practical applications.
15. CT pin discharge
Due to the capabilities of the CT pin discharge transistor, the CT pin may not completely discharge when a short input
pulse is applied, and in this case the delay time may not be controlled. Please verify the actual operation.
16. Power on reset operation
Please note that the power on reset output varies with the Vcc rise up time. Please verify the actual operation.
17. Precautions for board inspection
Connecting low-impedance capacitors to run inspections with the board may produce stress on the IC.
Therefore, be certain to use proper discharge procedure before each process of the test operation.
To prevent electrostatic accumulation and discharge in the assembly process, thoroughly ground yourself and any
equipment that could sustain ESD damage, and continue observing ESD-prevention procedures in all handing, transfer
and storage operations. Before attempting to connect components to the test setup, make certain that the power supply is
OFF. Likewise, be sure the power supply is OFF before removing any component connected to the test setup.
18. When the power supply, is turned on because of in certain cases, momentary Rash-current flow into the IC at the logic
unsettled, the couple capacitance, GND pattern of width and leading line must be considered.


Similar Part No. - BU4340

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4340 ROHM-BU4340 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4340 ROHM-BU4340 Datasheet
454Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4340 ROHM-BU4340 Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU4340 ROHM-BU4340 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4340 ROHM-BU4340 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BU4340

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4220G-TR ROHM-BU4220G-TR Datasheet
454Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4227F-TR ROHM-BU4227F-TR Datasheet
502Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4240G-TR ROHM-BU4240G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4227FVE-TR ROHM-BU4227FVE-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4228G-TR ROHM-BU4228G-TR Datasheet
391Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU42XX ROHM-BU42XX Datasheet
447Kb / 17P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
03.Feb.2014 Rev.008
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BU4248 ROHM-BU4248_13 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4231G-TR ROHM-BU4231G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com