Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7893GU Datasheet(PDF) 5 Page - Rohm

Part # BU7893GU
Description  Mixer & Selector With 16bit D/A Converters
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7893GU Datasheet(HTML) 5 Page - Rohm

  BU7893GU Datasheet HTML 1Page - Rohm BU7893GU Datasheet HTML 2Page - Rohm BU7893GU Datasheet HTML 3Page - Rohm BU7893GU Datasheet HTML 4Page - Rohm BU7893GU Datasheet HTML 5Page - Rohm BU7893GU Datasheet HTML 6Page - Rohm BU7893GU Datasheet HTML 7Page - Rohm BU7893GU Datasheet HTML 8Page - Rohm BU7893GU Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5/24
REFERENCE DATA
BU7858KN】
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
10
100
1000
10000
100000
INPUT SIGNAL FREQ : FIN(Hz)
0.0
2.0
4.0
6.0
8.0
10.0
2.0
2.5
3.0
3.5
4.0
4.5
SUPLLY VOLTAGE : VDD(V)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
2.0
2.5
3.0
3.5
4.0
4.5
SUPLLY VOLTAGE : VDD(V)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
2.0
2.5
3.0
3.5
4.0
4.5
SUPLLY VOLTAGE : VDD(V)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-110
-90
-70
-50
-30
-10
INPUT LEVEL : VIN(dBFS)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-110
-90
-70
-50
-30
-10
INPUT LEVEL : VIN(dBFS)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
10
100
1000
10000
100000
INPUT SIGNAL FREQ : FIN(Hz)
0.01
0.10
1.00
10.00
100.00
-100
-80
-60
-40
-20
0
INPUT LEVEL : VIN(dBV)
0.01
0.10
1.00
10.00
100.00
-100
-80
-60
-40
-20
0
INPUT LEVEL : VIN(dBV)
0.01
0.10
1.00
10.00
100.00
-100
-80
-60
-40
-20
0
INPUT LEVEL : VIN(dBV)
0.01
0.10
1.00
10.00
100.00
-100
-80
-60
-40
-20
0
INPUT LEVEL : VIN(dBV)
Fig.2 16bit D/A Converter
Operation Current
Fig.1 Stand-by Current
Fig.3 Headphone Amplifier
Operation Current
Fig.5 16bit D/A Converter Total
Harmonic Distortion (Rch)
Fig.4 16bit D/A Converter Total
Harmonic Distortion (Lch)
Fig.9 Headphone Amplifier Total
Harmonic Distortion (HP_R)
Fig.8 Headphone Amplifier Total
Harmonic Distortion (HP_L)
Fig.7 16bit D/A Converter Total
Harmonic Distortion (Rch)
Fig.11 EXTO
Total Harmonic Distortion
Fig.10 SPO
Total Harmonic Distortion
Fig.6 16bit D/A Converter Total
Harmonic Distortion (Lch)


Similar Part No. - BU7893GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7893GU ROHM-BU7893GU Datasheet
381Kb / 6P
   3D surround&Audio LSI for cellular phone
BU7893GU ROHM-BU7893GU Datasheet
464Kb / 25P
   Mixer & Selector ICs with 16bit D/A Converter
BU7893GU-E2 ROHM-BU7893GU-E2 Datasheet
464Kb / 25P
   Mixer & Selector ICs with 16bit D/A Converter
More results

Similar Description - BU7893GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7858KN ROHM-BU7858KN_10 Datasheet
464Kb / 25P
   Mixer & Selector ICs with 16bit D/A Converter
BU7861KN ROHM-BU7861KN_08 Datasheet
817Kb / 13P
   Mixer & Selector with PCM CODEC and 16bit D/A Converter
BU7861KN ROHM-BU7861KN_10 Datasheet
318Kb / 14P
   Mixer & Selector IC with PCM CODEC and 16bit D/A Converter
logo
Cirrus Logic
CS5505 CIRRUS-CS5505 Datasheet
721Kb / 40P
   VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
logo
Asahi Kasei Microsystem...
AKD4550-E AKM-AKD4550-E Datasheet
774Kb / 26P
   16bit A/D and D/A converter
AKD4563A AKM-AKD4563A_06 Datasheet
555Kb / 32P
   16bit 4ch A/D and 2ch D/A converter,
logo
Rohm
BU7858KN ROHM-BU7858KN Datasheet
322Kb / 6P
   16bit D/A Converter Audio Path
logo
Cirrus Logic
CS5509 CIRRUS-CS5509 Datasheet
375Kb / 23P
   SINGLE SUPPLY 16BIT A/D CONVERTER
logo
Asahi Kasei Microsystem...
AKD5700-A AKM-AKD5700-A Datasheet
452Kb / 39P
   digital audio 16bit A/D converter
AKD5701-A AKM-AKD5701-A Datasheet
461Kb / 40P
   digital audio 16bit A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com