Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7858KN-E2 Datasheet(PDF) 11 Page - Rohm

Part # BU7858KN-E2
Description  Mixer & Selector With 16bit D/A Converters
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7858KN-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BU7858KN-E2 Datasheet HTML 7Page - Rohm BU7858KN-E2 Datasheet HTML 8Page - Rohm BU7858KN-E2 Datasheet HTML 9Page - Rohm BU7858KN-E2 Datasheet HTML 10Page - Rohm BU7858KN-E2 Datasheet HTML 11Page - Rohm BU7858KN-E2 Datasheet HTML 12Page - Rohm BU7858KN-E2 Datasheet HTML 13Page - Rohm BU7858KN-E2 Datasheet HTML 14Page - Rohm BU7858KN-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11/24
The frequency characteristic (theorical value) when the recommended constants are used is shown below.
Fig.31
Low-band corrective circuit Frequency characteristic
CPU INTERFACE
BU7858KN and BU7893GU can be controlled by using CPU interface.
BU7858KN】
Fig.32
CPU I/F Timing Chart 1 (BU7858KN)
After the falling edge of NCS, SDATA inputs are settled by 16 clock of SCLK, and data is written in the rising edge of NCS.
The data format is “16bit right justified”.
CPU interface is that 1Byte=16bit. It is absolutely necessary to insert the interval of NCS=“H” between first Byte and
Second Byte because it is not compatible with continuous data transmission. For the following th, please wait the time more
than 1 SCLK Clock. (th≧tcyc)
Fig.33
CPU I/F Timing Chart 2 (BU7858KN)
AC Characteristics
Ta=25℃、AVDD=DVDD=3.0V
Item
Symbol
Min
Typ
Max
Unit
Conditions
SCLK Width
tcyc
250
-
-
ns
SDATA Input Hold Time
tdh
50
-
-
ns
SDATA Input Set-up Time
tds
50
-
-
ns
NCS Set-up Time
tcs
50
-
-
ns
NCS Hold Time
tch
50
-
-
ns
It is recommended to use exclusive lines for CPU interface.
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
1
10
100
1000
10000
100000
Frequency [Hz]
After correction
Before correction
Amplifier output
A7
SCLK
SDATA
tcs
NCS
tds
tdh
A6
D6
D5
D4
D3
D2
D1
D0
A5
A4
A3
A2
D7
A1
tch
tcyc
A0
NCS
SC L K
S DA TA
th


Similar Part No. - BU7858KN-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7858KN-E2 ROHM-BU7858KN-E2 Datasheet
464Kb / 25P
   Mixer & Selector ICs with 16bit D/A Converter
More results

Similar Description - BU7858KN-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7858KN ROHM-BU7858KN_10 Datasheet
464Kb / 25P
   Mixer & Selector ICs with 16bit D/A Converter
BU7861KN ROHM-BU7861KN_08 Datasheet
817Kb / 13P
   Mixer & Selector with PCM CODEC and 16bit D/A Converter
BU7861KN ROHM-BU7861KN_10 Datasheet
318Kb / 14P
   Mixer & Selector IC with PCM CODEC and 16bit D/A Converter
logo
Cirrus Logic
CS5505 CIRRUS-CS5505 Datasheet
721Kb / 40P
   VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
logo
Asahi Kasei Microsystem...
AKD4550-E AKM-AKD4550-E Datasheet
774Kb / 26P
   16bit A/D and D/A converter
AKD4563A AKM-AKD4563A_06 Datasheet
555Kb / 32P
   16bit 4ch A/D and 2ch D/A converter,
logo
Rohm
BU7858KN ROHM-BU7858KN Datasheet
322Kb / 6P
   16bit D/A Converter Audio Path
logo
Cirrus Logic
CS5509 CIRRUS-CS5509 Datasheet
375Kb / 23P
   SINGLE SUPPLY 16BIT A/D CONVERTER
logo
Asahi Kasei Microsystem...
AKD5700-A AKM-AKD5700-A Datasheet
452Kb / 39P
   digital audio 16bit A/D converter
AKD5701-A AKM-AKD5701-A Datasheet
461Kb / 40P
   digital audio 16bit A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com