Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU9262AFS Datasheet(PDF) 8 Page - Rohm

Part # BU9262AFS
Description  Karaoke/Surround Digital Echo
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9262AFS Datasheet(HTML) 8 Page - Rohm

Back Button BU9262AFS Datasheet HTML 4Page - Rohm BU9262AFS Datasheet HTML 5Page - Rohm BU9262AFS Datasheet HTML 6Page - Rohm BU9262AFS Datasheet HTML 7Page - Rohm BU9262AFS Datasheet HTML 8Page - Rohm BU9262AFS Datasheet HTML 9Page - Rohm BU9262AFS Datasheet HTML 10Page - Rohm BU9262AFS Datasheet HTML 11Page - Rohm BU9262AFS Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8/16
●Pin description, Block diagram, Application circuit
BU9262AFS>
No.
Symbol
Function
1
NC
Not connected
2
TESTB
Test negative logic input pin (normally “H” input)
3
SCK
Serial clock input
4
SLT
Serial latch input
5
SI
Serial data input
6
CLKO
Oscillation output pin
7
CLKI
Oscillation input pin
8
NC
Not connected
9
DSOUT
Delay source output
10
TESTOUT
Test output pin (normally “L” output)
11
LPF1I1
12
LPF1I2
13
LPF1O
LPF capacitor external pin
14
ADI
15
ADO
ADC capacitor connection pin
16
GND
GND pin
17
DAI
18
DAO
DAC capacitor connection pin
19
LPF2I1
20
LPF2I2
21
LPF2O
LPF capacitor external pin
22
VOIN
Delay signal / volume input pin
23
DSIG
Delay signal output
24
VREF
Analog reference voltage
25
RCOUT
Rch output
26
LCOUT
Lch output
27
FBOUT
Feedback signal output
28
RCIN
Rch input
29
LCIN
Lch input
30
VCC
Power source pin
31
MICIN
Microphone input (microphone amplifier output connected)
32
MIXIN
Mix signal input
Description of terminal
Application circuit
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
テストモード 負論理入力
シリアル
コントロール
回路
クロック
LPF
テスト出力
ADC
LPF
DAC
処理
RAM
FBVOL
入力ミキサ
セレクタ
DLYVOL
出力
ミキシング
基準電圧
SERIAL CLOCK
SERIAL LATCH
SERIAL DATA
R
R
2MHz
1u NP
0.01u
2200p
0.01u
R 1M
1u
1u
1u
0.33u
2.2u
2.2u
2.2u
0.1u
2200p
0.01u
0.01u
MIC IN
Lch IN
Rch IN
Lch OUT
Rch OUT
DSIG
47u
0.1u
47u
Fig.29 Pin assignment
Fig.30 Application circuit
Test mode negative logic input
Serial
control
circuit
Clock
Test output
Input mixer
selector
Output
mixing
Reference
voltage
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC
TE S TB
SC K
SLT
SI
CLK O
CLK I
NC
DS O UT
TE S TO U
LP F 1I1
LP F 1I2
LP F 1O
ADI
ADO
GN D
DAI
DAO
LP F 2I1
LP F 2I2
LP F 2O
VO IN
DS IG
VR E F
RCO U T
LC O U T
FB O U T
RCIN
LC IN
VC C
MIC IN
MIX IN
Pin assignment
Fig.28 Block diagram
Block diagram
Processing
TESTOUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
テストモード 負論理入力
シリアル
コントロール
回路
クロック
LPF
テストモード出力
コントロール
ADC
LPF
DAC
処理
RAM
FBVOL
入力ミキサ
セレクタ
DLYVOL
出力
ミキシング
基準電圧
リセット
Test mode negative logic input
Serial
control
circuit
Clock
Test mode output
Input mixer
selector
Output
mixing
Reference
voltage
Reset
Control
Processing


Similar Part No. - BU9262AFS

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9262AFS ROHM-BU9262AFS Datasheet
259Kb / 6P
   Digital surround / echo processor for audio application
More results

Similar Description - BU9262AFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9488FG TOSHIBA-TC9488FG Datasheet
320Kb / 12P
   Digital Echo IC for Karaoke
logo
Rohm
BU9252S ROHM-BU9252S Datasheet
63Kb / 6P
   Audio digital delay (KARAOKE echo)
logo
Princeton Technology Co...
PT2396 PTC-PT2396 Datasheet
152Kb / 5P
   Digital Echo/Surround Processor IC
PT2396 PTC-PT2396_10 Datasheet
470Kb / 18P
   Digital Echo/Surround Processor IC
logo
Rohm
BU9253AS ROHM-BU9253AS Datasheet
72Kb / 6P
   KARAOKE echo IC
logo
Princeton Technology Co...
PT2398 PTC-PT2398 Datasheet
246Kb / 5P
   Echo/Surround Processor
logo
Rohm
BU9262AFS ROHM-BU9262AFS Datasheet
259Kb / 6P
   Digital surround / echo processor for audio application
BA7725S ROHM-BA7725S Datasheet
94Kb / 8P
   Analog compander for KARAOKE echo systems
logo
Mitsubishi Electric Sem...
M50195P MITSUBISHI-M50195P Datasheet
476Kb / 8P
   DIGITAL ECHO
logo
List of Unclassifed Man...
BL0306 ETC1-BL0306 Datasheet
32Kb / 2P
   Digital echo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com