Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD52004HFV-TR Datasheet(PDF) 11 Page - Rohm

Part # BD52004HFV-TR
Description  Omnipolar Detection Hall ICs (Polarity detection for both S and N features dual outputs)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD52004HFV-TR Datasheet(HTML) 11 Page - Rohm

Back Button BD52004HFV-TR Datasheet HTML 4Page - Rohm BD52004HFV-TR Datasheet HTML 5Page - Rohm BD52004HFV-TR Datasheet HTML 6Page - Rohm BD52004HFV-TR Datasheet HTML 7Page - Rohm BD52004HFV-TR Datasheet HTML 8Page - Rohm BD52004HFV-TR Datasheet HTML 9Page - Rohm BD52004HFV-TR Datasheet HTML 10Page - Rohm BD52004HFV-TR Datasheet HTML 11Page - Rohm BD52004HFV-TR Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
BU52004GUL, BU52014HFV
Technical Note
11/11
www.rohm.com
2010.01 - Rev.D
© 2010 ROHM Co., Ltd. All rights reserved.
Ordering part number
B
U
5
2
0
0
4
G
U
L
-
E
2
Part No.
Part No.
52004
52014
Package
GUL: VCSP50L1
HFV: HVSOF5
Packaging and forming specification
E2: Embossed tape and reel
(VSCP50L1)
TR: Embossed tape and reel
(HVSOF5)
(Unit : mm)
HVSOF5
S
0.08 M
0.1
S
4
3
2
1
5
1.6
±0.05
1.0
±0.05
45
32 1
(0.8)
(0.3)
0.13
±0.05
0.22
±0.05
0.5
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
()
1pin
(Unit : mm)
VCSP50L1(BU52004GUL)
S
0.08 S
A
B
B
A
0.05
1PIN MARK
0.30±0.1
4-
φ0.25±0.05
1.10±0.1
2
1
B
A
0.50
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
E2
()
Direction of feed
Reel
1pin


Similar Part No. - BD52004HFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD52001G-E2 ROHM-BD52001G-E2 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BD52001G-TR ROHM-BD52001G-TR Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BD52001GUL-E2 ROHM-BD52001GUL-E2 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BD52001GUL-TR ROHM-BD52001GUL-TR Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BD52001HFV-E2 ROHM-BD52001HFV-E2 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
More results

Similar Description - BD52004HFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52737GWZ ROHM-BU52737GWZ Datasheet
904Kb / 17P
   Omnipolar Detection Hall IC (Dual Outputs for both S and N Pole Polarity Detection)
05.Aug.2021 Rev.001
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52001GUL ROHM-BU52001GUL_10 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BU52001GUL_1012 ROHM-BU52001GUL_1012 Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52075GWZ ROHM-BU52075GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ ROHM-BU52273NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52493NUZ ROHM-BU52493NUZ Datasheet
1Mb / 19P
   Omnipolar Detection Hall IC
BU52472NUZ ROHM-BU52472NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52077GWZ ROHM-BU52077GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com