Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA114WE Datasheet(PDF) 2 Page - Rohm

Part # DTA114WE
Description  -100mA / -50V Digital transistors (with built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA114WE Datasheet(HTML) 2 Page - Rohm

  DTA114WE Datasheet HTML 1Page - Rohm DTA114WE Datasheet HTML 2Page - Rohm DTA114WE Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.C
Data Sheet
DTA114WE / DTA114WUA / DTA114WKA
Absolute maximum ratings (Ta=25
C)
Parameter
Symbol
VCC
VI
IO
IC(Max.)
PD
Tj
Tstg
Limits
−50
−30 to +10
−100
−100
150
200
DTA114WE
DTA114WUA / DTA114WKA
150
−55 to +150
Unit
V
V
mA
mW
°C
°C
Supply voltage
Input voltage
Output current
Power
dissipation
Junction temperature
Storage temperature
Electrical characteristics (Ta=25
C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VI(off)
VO(on)
II
IO(off)
GI
fT
R1
24
7
−0.1
250
10
−0.8
−0.3
−0.88
−0.5
13
V
V
mA
μA
MHz
k
Ω
VCC
= −5V , IO= −100μA
VI(on)
−3
−−
VO
= −0.3V , IO= −2mA
IO
= −10mA , II= −0.5mA
VI
= −5V
VCC
= −50V , VI=0V
IO
= −10mA , VO= −5V
VCE
= −10V , IE=5mA , f=100MHz
R2/R1
0.37
0.47
0.57
−−
Input voltage
Output voltage
Input current
Output current
DC current gain
Transition frequency
Input resistance
Resistance ratio
Characteristics of built-in transistor
Electrical characteristic curves
−100
−10
−20
−50
−1
−2
−5
−100m
−200m
−500m
−100μ−1m
−10m
−100m
Fig.1 Input voltage vs. Output current
(ON characteristics)
VO
= −0.3V
OUTPUT CURRENT : IO
(A)
Ta
= −40°C
Ta
=100°C
Ta
= 25°C
−0.5
−3.5
−3
−2.5
−2
−1.5
−1
INPUT VOLTAGE : VI(off) (V)
−1μ
−10μ
−5μ
−2μ
−100μ
−50μ
−20μ
−1m
−10m
−500μ
−200μ
−5m
−2m
Fig.2 Output current vs. Input voltage
(OFF characteristics)
Ta
=100°C
Ta
= −40°C
Ta
=25°C
VCC
= −5V
1k
100
200
500
10
20
50
1
2
5
−100μ−1m
−10m
−100m
VO
= −5V
Fig.3 DC current gain vs. Output current
OUTPUT CURRENT : IO
(A)
Ta
= −40°C
Ta
=100°C
Ta
= 25°C
−1
−100m
−200m
−500m
−20m
−50m
−1m
−10m
−100m
IO / II
= 20
Fig.4 Output voltage vs. Output current
OUTPUT CURRENT : IO
(A)
Ta
= −40°C
Ta
=100°C
Ta
= 25°C


Similar Part No. - DTA114WE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114WE ROHM-DTA114WE Datasheet
82Kb / 4P
   Digital transistors (built-in resistors)
More results

Similar Description - DTA114WE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZM ROHM-DTA143ZM Datasheet
86Kb / 4P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC114EE ROHM-DTC114EE_09 Datasheet
167Kb / 4P
   100mA / 50V Digital transistors (with built-in resistors)
DTC114YE ROHM-DTC114YE_09 Datasheet
146Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC124GUA ROHM-DTC124GUA_09 Datasheet
142Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA123EE ROHM-DTA123EE_09 Datasheet
165Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA123YE ROHM-DTA123YE_09 Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA124TE ROHM-DTA124TE_09 Datasheet
145Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC143TEB ROHM-DTC143TEB Datasheet
105Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA043EM ROHM-DTA043EM Datasheet
332Kb / 3P
   100mA/-50V Digital transistors(with built-in resistors)
DTC044EM ROHM-DTC044EM Datasheet
308Kb / 3P
   100mA/50V Digital transistors(with built-in resistors)
DTC144GE ROHM-DTC144GE_11 Datasheet
154Kb / 3P
   100mA / 50V Digital transistors(with built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com