Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD52002GUL-E2 Datasheet(PDF) 1 Page - Rohm

Part # BD52002GUL-E2
Description  Unipolar Detection Hall ICs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD52002GUL-E2 Datasheet(HTML) 1 Page - Rohm

  BD52002GUL-E2 Datasheet HTML 1Page - Rohm BD52002GUL-E2 Datasheet HTML 2Page - Rohm BD52002GUL-E2 Datasheet HTML 3Page - Rohm BD52002GUL-E2 Datasheet HTML 4Page - Rohm BD52002GUL-E2 Datasheet HTML 5Page - Rohm BD52002GUL-E2 Datasheet HTML 6Page - Rohm BD52002GUL-E2 Datasheet HTML 7Page - Rohm BD52002GUL-E2 Datasheet HTML 8Page - Rohm BD52002GUL-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/13
www.rohm.com
2010.01 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Hall IC Series
Unipolar Detection
Hall ICs
BU52002GUL,BU52003GUL,BU52012HFV,BU52013HFV
Description
The unipolar Detection Hall IC detects only either the N pole or S pole. The output turns ON (active Low) upon detection.
It is most suitable for strictly unipole detection and when lower power consumption is desired.
Features
1) unipolar detection
2) Micropower operation (small current using intermittent operation method)
3) Ultra-compact CSP4 package (BU52002GUL,BU52003GUL)
4) Small outline package (BU52012HFV,BU52013HFV)
5) Line up of supply voltage
For 1.8V Power supply voltage(BU52012HFV,BU52013HFV)
For 3.0V Power supply voltage (BU52002GUL,BU52003GUL)
6) High ESD resistance 8kV(HBM)
Applications
Mobile phones, notebook computers, digital video camera, digital still camera, etc.
Product Lineup
Product name
Supply voltage
(V)
Operate point
(mT)
Hysteresis
(mT)
Period
(ms)
Supply current
(AVG.)(μA)
Output type
Package
BU52002GUL
2.40~3.30
3.7
0.8
50
6.5
CMOS
VCSP50L1
BU52003GUL
2.40~3.30
-3.7
0.8
50
6.5
CMOS
VCSP50L1
BU52012HFV
1.65~3.30
3.0
0.9
50
3.5
CMOS
HVSOF5
BU52013HFV
1.65~3.30
-3.0
0.9
50
3.5
CMOS
HVSOF5
Plus is expressed on the S-pole; minus on the N-pole
Absolute Maximum Ratings
BU52002GUL,BU52003GUL (Ta=25℃)
Parameters
Symbol
Limit
Unit
Power Supply Voltage
VDD
-0.1~+4.5
1
V
Output Current
IOUT
±1
mA
Power Dissipation
Pd
420
2
mW
Operating Temperature Range
Topr
-40~+85
Storage Temperature Range
Tstg
-40~+125
1. Not to exceed Pd
2. Reduced by 4.20mW for each increase in Ta of 1℃ over 25℃(mounted on 50mm×58mm Glass-epoxy PCB)
BU52012HFV,BU52013HFV (Ta=25℃)
Parameters
Symbol
Limit
Unit
Power Supply Voltage
VDD
-0.1~+4.5
3
V
Output Current
IOUT
±0.5
mA
Power Dissipation
Pd
536
4
mW
Operating Temperature Range
Topr
-40~+85
Storage Temperature Range
Tstg
-40~+125
3. Not to exceed Pd
4. Reduced by 5.36mW for each increase in Ta of 1℃ over 25℃(mounted on 70mm×70mm×1.6mm Glass-epoxy PCB)
No.10045EBT03


Similar Part No. - BD52002GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD52001G-E2 ROHM-BD52001G-E2 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BD52001G-TR ROHM-BD52001G-TR Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BD52001GUL-E2 ROHM-BD52001GUL-E2 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BD52001GUL-TR ROHM-BD52001GUL-TR Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BD52001HFV-E2 ROHM-BD52001HFV-E2 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
More results

Similar Description - BD52002GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52002GUL_1008 ROHM-BU52002GUL_1008 Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52012NVX-TR ROHM-BU52012NVX-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52012HFV-TR ROHM-BU52012HFV-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52069GWZ ROHM-BU52069GWZ Datasheet
1Mb / 19P
   Unipolar Detection Hall IC
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52001GUL ROHM-BU52001GUL_10 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52001GUL_1012 ROHM-BU52001GUL_1012 Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
logo
Seiko Instruments Inc
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com