Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD52012HFV-E2 Datasheet(PDF) 2 Page - Rohm

Part # BD52012HFV-E2
Description  Unipolar Detection Hall ICs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD52012HFV-E2 Datasheet(HTML) 2 Page - Rohm

  BD52012HFV-E2 Datasheet HTML 1Page - Rohm BD52012HFV-E2 Datasheet HTML 2Page - Rohm BD52012HFV-E2 Datasheet HTML 3Page - Rohm BD52012HFV-E2 Datasheet HTML 4Page - Rohm BD52012HFV-E2 Datasheet HTML 5Page - Rohm BD52012HFV-E2 Datasheet HTML 6Page - Rohm BD52012HFV-E2 Datasheet HTML 7Page - Rohm BD52012HFV-E2 Datasheet HTML 8Page - Rohm BD52012HFV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Technical Note
BU52002GUL,BU52003GUL,BU52012HFV,BU52013HFV
2/13
www.rohm.com
2010.01 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Magnetic, Electrical Characteristics
BU52002GUL (Unless otherwise specified, VDD=3.0V, Ta=25℃)
Parameters
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Power Supply Voltage
VDD
2.4
3.0
3.3
V
Operate Point
BopS
-
3.7
5.5
mT
Release Point
BrpS
0.8
2.9
-
mT
Hysteresis
BhysS
-
0.8
-
mT
Period
TP
-
50
100
ms
Output High Voltage
VOH
VDD-0.4
-
-
V
B<BrpS
5 , IOUT=-1.0mA
Output Low Voltage
VOL
-
-
0.4
V
BopS<B
5 , IOUT =+1.0mA
Supply Current
IDD(AVG)
-
6.5
9
μA
Average
Supply Current During Startup Time
IDD(EN)
-
4.7
-
mA
During Startup Time Value
Supply Current During Standby Time
IDD(DIS)
-
3.8
-
μA
During Standby Time Value
5. B = Magnetic flux density
1mT=10Gauss
Positive (“+”) polarity flux is defined as the magnetic flux from south pole which is direct toward to the branded face of the sensor.
After applying power supply, it takes one cycle of period (TP) to become definite output. Radiation hardiness is not designed.
BU52003GUL (Unless otherwise specified, VDD=3.0V, Ta=25℃)
Parameters
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Power Supply Voltage
VDD
2.4
3.0
3.3
V
Operate Point
BopN
-5.5
-3.7
-
mT
Release Point
BrpN
-
-2.9
-0.8
mT
Hysteresis
BhysN
-
0.8
-
mT
Period
TP
-
50
100
ms
Output High Voltage
VOH
VDD-0.4
-
-
V
BrpN<B※6 , IOUT=-1.0mA
Output Low Voltage
VOL
-
-
0.4
V
B<BopN※6 , IOUT =+1.0mA
Supply Current
IDD(AVG)
-
6.5
9
μA
Average
Supply Current During Startup Time
IDD(EN)
-
4.7
-
mA
During Startup Time Value
Supply Current During Standby Time
IDD(DIS)
-
3.8
-
μA
During Standby Time Value
6. B = Magnetic flux density
1mT=10Gauss
Positive (“+”) polarity flux is defined as the magnetic flux from south pole which is direct toward to the branded face of the sensor.
After applying power supply, it takes one cycle of period (TP) to become definite output. Radiation hardiness is not designed.


Similar Part No. - BD52012HFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD52011G-E2 ROHM-BD52011G-E2 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BD52011G-TR ROHM-BD52011G-TR Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BD52011GUL-E2 ROHM-BD52011GUL-E2 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BD52011GUL-TR ROHM-BD52011GUL-TR Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BD52011HFV-E2 ROHM-BD52011HFV-E2 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
More results

Similar Description - BD52012HFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52002GUL_1008 ROHM-BU52002GUL_1008 Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52012NVX-TR ROHM-BU52012NVX-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52012HFV-TR ROHM-BU52012HFV-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52069GWZ ROHM-BU52069GWZ Datasheet
1Mb / 19P
   Unipolar Detection Hall IC
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52001GUL ROHM-BU52001GUL_10 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52001GUL_1012 ROHM-BU52001GUL_1012 Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
logo
Seiko Instruments Inc
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com