Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA124EKA Datasheet(PDF) 2 Page - Rohm

Part # DTA124EKA
Description  -100mA / -50V Digital transistors (with built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA124EKA Datasheet(HTML) 2 Page - Rohm

  DTA124EKA Datasheet HTML 1Page - Rohm DTA124EKA Datasheet HTML 2Page - Rohm DTA124EKA Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.B
Data Sheet
DTA124EM / DTA124EE / DTA124EUA / DTA124EKA
Absolute maximum ratings (Ta=25
C)
Limits
Parameter
Symbol
VCC
150
200
−50
−40 to +10
−30
−100
150
−55 to +150
DTA124EE
DTA124EM
DTA124EUA DTA124EKA
V
V
mA
mW
°C
°C
VIN
IO
IC(Max.)
PD
Tj
Tstg
Unit
Supply voltage
Input voltage
Output current
Power dissipation
Junction temperature
Storage temperature
Electrical characteristics (Ta=25
C)
Parameter
Symbol
VI(off)
VI(on)
VO(on)
II
IO(off)
R1
GI
R2/R1
fT
Min.
−3
15.4
56
0.8
−−
−−
−0.1
22
1
250
−0.5
−0.3
−0.36
−0.5
28.6
1.2
V
VCC
=−5V, IO=−100μA
VO
=−0.2V, IO=−5mA
IO/II
=−10mA/−0.5mA
VI
=−5V
VCC
=−50V, VI=0V
VO
=−5V, IO=−5mA
VCE
=−10V, IE=5mA, f=100MHz
V
mA
μA
k
Ω
−−
MHz
Typ.
Max.
Unit
Conditions
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Resistance ratio
Transition frequency
∗Characteristics of built-in transistor.
Electrical characteristic curves
OUTPUT CURRENT : IO
(A)
−100
−50
−20
−10
−5
−2
−1
−500m
−200m
−100m
−100μ
−1m
−10m
−100m
−200μ−2m
−20m
−500μ−5m
−50m
VO
=−0.3V
25
°C
100
°C
Ta
=−40°C
Fig.1 Input voltage vs. output current
(ON characteristics)
0
−3.0
−10m
−1μ
−2m
−5m
−1m
−200μ
−500μ
−100μ
−20μ
−50μ
−10μ
−2μ
−5μ
−0.5
−1.0
−1.5
−2.0
−2.5
VCC
=−5V
INPUT VOLTAGE : VI (off)
(V)
Ta
=100°C
25
°C
−40°C
Fig.2 Output current vs. input voltage
(OFF characteristics)
VO
=−5V
OUTPUT CURRENT : IO
(A)
1k
500
200
100
50
20
10
5
2
1
−100μ−1m
−10m
−100m
−200μ−2m
−20m
−500μ−5m
−50m
25
°C
−40°C
Ta
=100°C
Fig.3 DC current gain vs. output
current
lO/lI
=20
−100μ−1m
−10m
−100m
−200μ−2m
−20m
−500μ−5m
−50m
−1
−500m
−200m
−100m
−10m
−50m
−5m
−20m
−2m
−1m
OUTPUT CURRENT : IO
(A)
Ta
=100°C
25
°C
−40°C
Fig.4 Output voltage vs. output
current


Similar Part No. - DTA124EKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA124EKA ROHM-DTA124EKA Datasheet
79Kb / 2P
   Digital transistors (built-in resistors)
DTA124EKA ROHM-DTA124EKA Datasheet
279Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
logo
Leshan Radio Company
DTA124EKA LRC-DTA124EKA Datasheet
79Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA124EKA ROHM-DTA124EKA Datasheet
279Kb / 11P
   Built-In Biasing Resistors, R1 = R2 = 22k??
DTA124EKA ROHM-DTA124EKA Datasheet
92Kb / 4P
   Digital transistors (built-in resistors)
More results

Similar Description - DTA124EKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZM ROHM-DTA143ZM Datasheet
86Kb / 4P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC114EE ROHM-DTC114EE_09 Datasheet
167Kb / 4P
   100mA / 50V Digital transistors (with built-in resistors)
DTC114YE ROHM-DTC114YE_09 Datasheet
146Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC124GUA ROHM-DTC124GUA_09 Datasheet
142Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA123EE ROHM-DTA123EE_09 Datasheet
165Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA123YE ROHM-DTA123YE_09 Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA124TE ROHM-DTA124TE_09 Datasheet
145Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC143TEB ROHM-DTC143TEB Datasheet
105Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA043EM ROHM-DTA043EM Datasheet
332Kb / 3P
   100mA/-50V Digital transistors(with built-in resistors)
DTC044EM ROHM-DTC044EM Datasheet
308Kb / 3P
   100mA/50V Digital transistors(with built-in resistors)
DTC144GE ROHM-DTC144GE_11 Datasheet
154Kb / 3P
   100mA / 50V Digital transistors(with built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com