Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD52001GUL-E2 Datasheet(PDF) 1 Page - Rohm

Part # BD52001GUL-E2
Description  Omnipolar Detection Hall ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD52001GUL-E2 Datasheet(HTML) 1 Page - Rohm

  BD52001GUL-E2 Datasheet HTML 1Page - Rohm BD52001GUL-E2 Datasheet HTML 2Page - Rohm BD52001GUL-E2 Datasheet HTML 3Page - Rohm BD52001GUL-E2 Datasheet HTML 4Page - Rohm BD52001GUL-E2 Datasheet HTML 5Page - Rohm BD52001GUL-E2 Datasheet HTML 6Page - Rohm BD52001GUL-E2 Datasheet HTML 7Page - Rohm BD52001GUL-E2 Datasheet HTML 8Page - Rohm BD52001GUL-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/19
www.rohm.com
2010.01 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
Hall IC Series
Omnipolar Detection
Hall ICs
BU52001GUL, BU52011HFV, BU52021HFV,
BU52015GUL, BU52025G, BU52051NVX, BD7411G
Description
The bipolar Hall ICs are magnetic switches that can operate both S-and N-pole , upon which the output goes from Hi to
Low. In addition to regular single-output Hall ICs, We offers a line up of dual-output units with a reverse output terminal
(active High).
Features
1) Omnipolar detection
2) Micropower operation (small current using intermittent operation method)(BD7411G is excluded.)
3) Ultra-compact CSP package (BU52001GUL,BU52015GUL)
4) Ultra-Small outline package HVSOF5 (BU52011HFV,BU52021HFV)
5) Ultra-Small outline package SSON004X1216 (BU52051NVXV)
6) Small outline package (BU52025G,BD7411G)
7) Line up of supply voltage
For 1.8V Power supply voltage(BU52011HFV,BU52015GUL,BU52051NVX)
For 3.0V Power supply voltage (BU52001GUL)
For 3.3V Power supply voltage (BU52021HFV,BU52025G)
For 5.0V Power supply voltage (BD7411G)
8) Dual output type (BU52015GUL)
9) High ESD resistance 8kV(HBM)
Applications
Mobile phones, notebook computers, digital video camera, digital still camera, white goods etc.
Product Lineup
Product name
Supply
voltage
(V)
Operate
point
(mT)
Hysteresis
(mT)
Period
(ms)
Supply current
(AVG)
(A)
Output type
Package
BU52001GUL
2.40~3.30
+/-3.7
0.8
50
8.0μ
CMOS
VCSP50L1
BU52015GUL
1.65~3.30
+/-3.0
0.9
50
5.0μ
CMOS
VCSP50L1
BU52051NVX
1.65~3.30
+/-3.0
0.9
50
5.0μ
CMOS
SSON004X1216
BU52011HFV
1.65~3.30
+/-3.0
0.9
50
5.0μ
CMOS
HVSOF5
BU52021HFV
2.40~3.60
+/-3.7
0.8
50
8.0μ
CMOS
HVSOF5
BU52025G
2.40~3.60
+/-3.7
0.8
50
8.0μ
CMOS
SSOP5
BD7411G
4.50~5.50
+/-3.4
0.4
-
2.0m
CMOS
SSOP5
Plus is expressed on the S-pole; minus on the N-pole
No.10045ECT02


Similar Part No. - BD52001GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD52002GUL-E2 ROHM-BD52002GUL-E2 Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BD52002GUL-TR ROHM-BD52002GUL-TR Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BD52002HFV-E2 ROHM-BD52002HFV-E2 Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BD52002HFV-TR ROHM-BD52002HFV-TR Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BD52003GUL-E2 ROHM-BD52003GUL-E2 Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
More results

Similar Description - BD52001GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52001GUL_1012 ROHM-BU52001GUL_1012 Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52075GWZ ROHM-BU52075GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ ROHM-BU52273NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52493NUZ ROHM-BU52493NUZ Datasheet
1Mb / 19P
   Omnipolar Detection Hall IC
BU52472NUZ ROHM-BU52472NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52001GUL ROHM-BU52001GUL_11 Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs Line up of supply voltage
BU52078GWZ ROHM-BU52078GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52272NUZ ROHM-BU52272NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com