Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD52015HFV-E2 Datasheet(PDF) 11 Page - Rohm

Part # BD52015HFV-E2
Description  Omnipolar Detection Hall ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD52015HFV-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BD52015HFV-E2 Datasheet HTML 7Page - Rohm BD52015HFV-E2 Datasheet HTML 8Page - Rohm BD52015HFV-E2 Datasheet HTML 9Page - Rohm BD52015HFV-E2 Datasheet HTML 10Page - Rohm BD52015HFV-E2 Datasheet HTML 11Page - Rohm BD52015HFV-E2 Datasheet HTML 12Page - Rohm BD52015HFV-E2 Datasheet HTML 13Page - Rohm BD52015HFV-E2 Datasheet HTML 14Page - Rohm BD52015HFV-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Technical Note
BU52001GUL,BU52011HFV,BU52021HFV,
BU52015GUL,BU52025G,BU52051NVX, BD7411G
11/19
www.rohm.com
2010.01 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
BU52025G
BD7411G
Fig.33
PIN No.
PIN NAME
FUNCTION
COMMENT
1
N.C.
OPEN or Short to GND.
2
GND
GROUND
3
N.C.
OPEN or Short to GND.
4
VDD
POWER SUPPLY
5
OUT
OUTPUT
PIN No.
PIN NAME
FUNCTION
COMMENT
1
N.C.
OPEN or Short to GND.
2
GND
GROUND
3
N.C.
OPEN or Short to GND.
4
OUT
OUTPUT
5
VDD
POWER SUPPLY
OUT
GND
DD
TIMING LOGIC
×
HALL
ELEMENT
2
5
4
Fig.32
0.1μF
Reverse
Surface
1
2
5
3
3
1
4
5
2
4
Reverse
Surface
1
2
5
3
3
1
4
5
2
4
0.1μF
OUT
GND
DD
TIMING LOGIC
×
HALL
ELEMENT
2
4
5
REG
The CMOS output terminals enable direct
connection to the PC, with no external pull-up
resistor required.
Adjust the bypass capacitor value
as necessary, according to voltage
noise conditions, etc.
The CMOS output terminals enable direct
connection to the PC, with no external pull-up
resistor required.
Adjust the bypass capacitor value
as necessary, according to voltage
noise conditions, etc.


Similar Part No. - BD52015HFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD52012GUL-E2 ROHM-BD52012GUL-E2 Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BD52012GUL-TR ROHM-BD52012GUL-TR Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BD52012HFV-E2 ROHM-BD52012HFV-E2 Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BD52012HFV-TR ROHM-BD52012HFV-TR Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BD52013GUL-E2 ROHM-BD52013GUL-E2 Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
More results

Similar Description - BD52015HFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52001GUL_1012 ROHM-BU52001GUL_1012 Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52075GWZ ROHM-BU52075GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ ROHM-BU52273NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52493NUZ ROHM-BU52493NUZ Datasheet
1Mb / 19P
   Omnipolar Detection Hall IC
BU52472NUZ ROHM-BU52472NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52001GUL ROHM-BU52001GUL_11 Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs Line up of supply voltage
BU52078GWZ ROHM-BU52078GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52272NUZ ROHM-BU52272NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com