Electronic Components Datasheet Search |
|
BD52021HFV-E2 Datasheet(PDF) 2 Page - Rohm |
|
BD52021HFV-E2 Datasheet(HTML) 2 Page - Rohm |
2 / 20 page Technical Note BU52001GUL,BU52011HFV,BU52021HFV, BU52015GUL,BU52025G,BU52051NVX, BD7411G 2/19 www.rohm.com 2010.01 - Rev.C © 2010 ROHM Co., Ltd. All rights reserved. ● Absolute Maximum Ratings BU52001GUL (Ta=25℃) PARAMETERS SYMBOL LIMIT UNIT Power Supply Voltage VDD -0.1~+4.5※ 1 V Output Current IOUT ± 1 mA Power Dissipation Pd 420※ 2 mW Operating Temperature Range Topr -40~+85 ℃ Storage Temperature Range Tstg -40~+125 ℃ ※ 1. Not to exceed Pd ※ 2. Reduced by 4.20mW for each increase in Ta of 1℃ over 25℃ (mounted on 50mm×58mm Glass-epoxy PCB) BU52015GUL (Ta=25℃) PARAMETERS SYMBOL LIMIT UNIT Power Supply Voltage VDD -0.1~+4.5※ 3 V Output Current IOUT ± 0.5 mA Power Dissipation Pd 420※ 4 mW Operating Temperature Range Topr -40~+85 ℃ Storage Temperature Range Tstg -40~+125 ℃ ※ 3. Not to exceed Pd ※ 4. Reduced by 4.20mW for each increase in Ta of 1℃ over 25℃ (mounted on 50mm×58mm Glass-epoxy PCB) BU52051NVX (Ta=25℃) PARAMETERS SYMBOL LIMIT UNIT Power Supply Voltage VDD -0.1~+4.5※ 5 V Output Current IOUT ± 0.5 mA Power Dissipation Pd 2049※ 6 mW Operating Temperature Range Topr -40~+85 ℃ Storage Temperature Range Tstg -40~+125 ℃ ※ 5. Not to exceed Pd ※ 6. Reduced by 20.49mW for each increase in Ta of 1℃ over 25℃ (mounted on 70mm×70 mm×1.6mm Glass-epoxy PCB) BU52011HFV (Ta=25℃) PARAMETERS SYMBOL LIMIT UNIT Power Supply Voltage VDD -0.1~+4.5※ 7 V Output Current IOUT ± 0.5 mA Power Dissipation Pd 536※ 8 mW Operating Temperature Range Topr -40~+85 ℃ Storage Temperature Range Tstg -40~+125 ℃ ※ 7. Not to exceed Pd ※ 8. Reduced by 5.36mW for each increase in Ta of 1℃ over 25℃ (mounted on 70mm×70 mm×1.6mm Glass-epoxy PCB) |
Similar Part No. - BD52021HFV-E2 |
|
Similar Description - BD52021HFV-E2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |