Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TW0158A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TW0158A
Description  SMD Clock Oscillator 40.0 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0158A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0158A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0158A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0158A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0158A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0158A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
2.TAPE DIMENSION (Unit: mm)
3.PACKING DIRECTION
The dot or the logo of marking should be close to the hole of tape.
Direction of Feed


Similar Part No. - TW0158A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0150A TAI-SAW-TW0150A Datasheet
145Kb / 5P
   SMD Clock Oscillator 48.000 MHz
TW0151A TAI-SAW-TW0151A Datasheet
209Kb / 5P
   SMD 5.0x3.2 40MHz Crystal Oscillator
TW0153A TAI-SAW-TW0153A Datasheet
180Kb / 4P
   7.0x5.0 PECL Crystal Oscillator 53.125 MHz
TW0159A TAI-SAW-TW0159A Datasheet
153Kb / 4P
   SMD Clock Oscillator 48.0 MHz
logo
Toshiba Semiconductor
TW015N120C TOSHIBA-TW015N120C Datasheet
528Kb / 10P
   MOSFETs Silicon Carbide N-Channel MOS
2022-06-15 Rev.2.0
More results

Similar Description - TW0158A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0167A TAI-SAW-TW0167A Datasheet
188Kb / 4P
   SMD Clock Oscillator 40.0 MHz
TW0196A TAI-SAW-TW0196A Datasheet
152Kb / 4P
   SMD Clock Oscillator 40.0 MHz
TW0138A TAI-SAW-TW0138A Datasheet
156Kb / 5P
   SMD Clock Oscillator 32 MHz
TW0161A TAI-SAW-TW0161A Datasheet
145Kb / 5P
   SMD Clock Oscillator 28.800 MHz
TW0165A TAI-SAW-TW0165A Datasheet
138Kb / 4P
   SMD Clock Oscillator 12.800 MHz
TW0194A TAI-SAW-TW0194A Datasheet
167Kb / 4P
   SMD Clock Oscillator 26.0 MHz
TW0128A TAI-SAW-TW0128A Datasheet
208Kb / 5P
   SMD Clock Oscillator 4.096 MHz
TW0136A TAI-SAW-TW0136A Datasheet
209Kb / 5P
   SMD Clock Oscillator 20.000 MHz
TW0150A TAI-SAW-TW0150A Datasheet
145Kb / 5P
   SMD Clock Oscillator 48.000 MHz
TW0198A TAI-SAW-TW0198A Datasheet
154Kb / 4P
   SMD Clock Oscillator 32.000 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com