Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC315GD-N Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC315GD-N
Description  SAW Resonator 315.00MHz 5X5SMD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC315GD-N Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC315GD-N Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC315GD-N Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC315GD-N Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC315GD-N Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D. OUTLIN DRAWING:
E. EQUVIRENT CIRCUIT:
C0
R1 C1 L1
#2
#6
SourceImpedance
LoadImpedance
50Ω
50Ω
TAI-SAW TECHNOLOGY CO., LTD.
2


Similar Part No. - TC315GD-N

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TC315GD-N GOLLEDGE-TC315GD-N Datasheet
88Kb / 2P
   314.970MHz SAW Resonator
More results

Similar Description - TC315GD-N

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA09183 GOLLEDGE-MA09183 Datasheet
198Kb / 5P
   SAW Filter 315.00MHz
logo
Shoulder Electronics Li...
HDRM_TO39 SHOULDER-HDRM_TO39 Datasheet
146Kb / 5P
   SAW RESONATOR
HDRM_SMD-20 SHOULDER-HDRM_SMD-20 Datasheet
152Kb / 6P
   SAW RESONATOR
logo
Integrated Technology F...
R40731 ITF-R40731 Datasheet
255Kb / 6P
   SAW Resonator
R44761 ITF-R44761 Datasheet
252Kb / 6P
   SAW Resonator
R39001 ITF-R39001 Datasheet
228Kb / 6P
   SAW Resonator
logo
EPCOS
R960 EPCOS-R960 Datasheet
30Kb / 5P
   SAW resonator
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
   SAW Resonator
R31451 ITF-R31451 Datasheet
255Kb / 6P
   SAW Resonator
R31801 ITF-R31801 Datasheet
256Kb / 6P
   SAW Resonator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com