Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TW0198A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TW0198A
Description  SMD Clock Oscillator 32.000 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0198A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0198A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0198A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0198A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0198A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SMD Clock Oscillator 32.000MHz
MODEL NO.: TW0198A
REV. NO.: 1
A. FEATURES:
1. Ultra small package
2. Excellent for high-density packaging.
B. MAXIMUM RATING:
1. Storage Temperature: -55 °C to +125 °C.
2. Operating Temperature: -40 °C to +80 °C.
C. ELECTRICAL CHARACTERISTICS:
Characteristics
Units
Minimum
Typical
Maximum
Center Frequency
MHz
-
32.000
-
Overall Frequency Stability
(a+b)
(#note 1)
ppm
-20
-
+20
Overall Frequency Stability
(a+b+c+d+e)
(#note 1)
ppm
-40
-
+40
Input Voltage (Operating VDD)
VDC
-
3.3+/- 5%
-
Input Current
MA
-
-
45
Output
Load
PF
-
15
-
“0” Level
VDC
-
-
0.33
“1” Level
VDC
2.97
-
-
Symmetry (TW/T*100%)
Duty Cycle
%
40%
50%
60%
Rise Time (10%->90% VDD) NSec
-
-
8
Fall Time (90%->10% VDD)
NSec
-
-
8
@10Hz
dBc/Hz
-76
-79
-
@100Hz
dBc/Hz
-102
-108
-
@1kHz
dBc/Hz
-125
-135
-
@10kHz
dBc/Hz
-143
-145
-
Phase Noise
@100kHz
dBc/Hz
-145
-148
-
Enable/Disable Function
PIN 1: High or Open, PIN 3:Enable
PIN 1: Low, PIN 3:Disable
Package size
SMD5.0X7.0X1.6mm
#Note 1: Frequency stability includes;
(a) 25℃ Frequency Tolerance ; (b) Temperature Stability
(c) Input Voltage Stability ; (d) Load Stability ; (e) Aging
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TW0198A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0190A TAI-SAW-TW0190A Datasheet
166Kb / 4P
   SMD Clock Oscillator 6.0 MHz
TW0193A TAI-SAW-TW0193A Datasheet
167Kb / 4P
   SMD Clock Oscillator 19.2 MHz
TW0194A TAI-SAW-TW0194A Datasheet
167Kb / 4P
   SMD Clock Oscillator 26.0 MHz
TW0195A TAI-SAW-TW0195A Datasheet
167Kb / 4P
   SMD Clock Oscillator 27.0 MHz
TW0196A TAI-SAW-TW0196A Datasheet
152Kb / 4P
   SMD Clock Oscillator 40.0 MHz
More results

Similar Description - TW0198A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0138A TAI-SAW-TW0138A Datasheet
156Kb / 5P
   SMD Clock Oscillator 32 MHz
TW0161A TAI-SAW-TW0161A Datasheet
145Kb / 5P
   SMD Clock Oscillator 28.800 MHz
TW0165A TAI-SAW-TW0165A Datasheet
138Kb / 4P
   SMD Clock Oscillator 12.800 MHz
TW0194A TAI-SAW-TW0194A Datasheet
167Kb / 4P
   SMD Clock Oscillator 26.0 MHz
TW0128A TAI-SAW-TW0128A Datasheet
208Kb / 5P
   SMD Clock Oscillator 4.096 MHz
TW0136A TAI-SAW-TW0136A Datasheet
209Kb / 5P
   SMD Clock Oscillator 20.000 MHz
TW0150A TAI-SAW-TW0150A Datasheet
145Kb / 5P
   SMD Clock Oscillator 48.000 MHz
TW0158A TAI-SAW-TW0158A Datasheet
191Kb / 5P
   SMD Clock Oscillator 40.0 MHz
TW0167A TAI-SAW-TW0167A Datasheet
188Kb / 4P
   SMD Clock Oscillator 40.0 MHz
TW0160A TAI-SAW-TW0160A Datasheet
147Kb / 5P
   SMD Clock Oscillator 13.0 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com