Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE6.8A Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 1.5KE6.8A
Description  GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1.5KE6.8A Datasheet(HTML) 1 Page - Rectron Semiconductor

  1.5KE6.8A Datasheet HTML 1Page - Rectron Semiconductor 1.5KE6.8A Datasheet HTML 2Page - Rectron Semiconductor 1.5KE6.8A Datasheet HTML 3Page - Rectron Semiconductor 1.5KE6.8A Datasheet HTML 4Page - Rectron Semiconductor 1.5KE6.8A Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3. VF = 3.5V for devices of V(BR) < 200V and VF = 5.0 Volts max.for devices of V(BR) > 200V.
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Plastic package has underwriters laboratory certificate
* Glass passivated chip construction
* 1500 watt surage capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load,
For capacitive load, derate current by 20%.
TVS
1.5KE
SERIES
1.5KE
1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
GPP TRANSIENT VOLTAGE SUPPRESSOR
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA suffix for types 1.5KE 6.8 thru 1.5KE 450
Electrical characteristics apply in both direction
2002-12
Ratings at 25
oC ambient temperature unless otherwise specified.
NOTES :
2. Mounted on copper pad area of 0.8X0.8” ( 20X20mm ) per Fig.5.
1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25
oC per Fig.2.
RATINGS
Steady State Power Dissipation at TL = 75
oC lead lengths,
.375” ( 9.5 mm ) ( Note 2 )
Peak Forward Surge Current, 8.3ms single half sine wave-
superimposed on rated load( JEDEC METHOD ) unidirectional only
Maximum Instantaneous Forward Current at 50.0A for
SYMBOL
IFSM
VF
TJ, TSTG
Volts
-55 to + 150
0 C
UNITS
unidirectional only ( Note 3 )
Amps
Peak Power Dissipation at TA = 25
oC, TP = 1mS ( Note 1 )
Minimum 1500
200
3.5/5.0
VALUE
Operating and Storage Temperature Range
PPPM
Watts
PM(AV)
Watts
5.0
.210 (5.3)
.190 (4.8)
DIA.
.042 (1.07)
.038 (0.96)
DIA.
1.0 (25.4)
MIN.
.285 (7.2)
.375 (9.5)
1.0 (25.4)
MIN.


Similar Part No. - 1.5KE6.8A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1.5KE6.8A NJSEMI-1.5KE6.8A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
1.5KE6.8A SAMYANG-1.5KE6.8A Datasheet
1Mb / 6P
   Transient Voltage Suppressor Diodes
logo
Transys Electronics
1.5KE6.8A TRSYS-1.5KE6.8A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE6.8A NJSEMI-1.5KE6.8A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
1.5KE6.8A SHUNYE-1.5KE6.8A Datasheet
659Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
More results

Similar Description - 1.5KE6.8A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1.5FMCJ RECTRON-1.5FMCJ Datasheet
38Kb / 5P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
P6KE510A RECTRON-P6KE510A Datasheet
205Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 600 WATT PEAK POWER 5.0 WATTS STEADY STATE
TFMCJ RECTRON-TFMCJ Datasheet
1,020Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE)
3KPSMC RECTRON-3KPSMC Datasheet
282Kb / 7P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
3KPSMC28A RECTRON-3KPSMC28A Datasheet
644Kb / 6P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
3KP22AS RECTRON-3KP22AS Datasheet
30Kb / 3P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 8.0 WATTS STEADY STATE
3KP RECTRON-3KP Datasheet
289Kb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 8.0 WATTS STEADY STATE
3KP28A RECTRON-3KP28A Datasheet
410Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
TFMBJ RECTRON-TFMBJ Datasheet
1,016Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
P6KE RECTRON-P6KE Datasheet
1Mb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com