Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TW0228A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TW0228A
Description  SMD 3.2x2.5 48MHz Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0228A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0228A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0228A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0228A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0228A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0228A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
3. PACKING DIRECTION:
4. PACKING QUANTITY: 1K Pcs / Reel
Reflow Profile:
0
50
100
150
200
250
300
0
60
120
180
240
300
360
Time (seconds)
Rising Area
Preheat Area
Reflow Area
Forced Cooling Area
Max peak temperature: 260 deg C


Similar Part No. - TW0228A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0225A TAI-SAW-TW0225A Datasheet
202Kb / 5P
   SMD 3.2x2.5 20MHz Crystal Oscillator
TW0227A TAI-SAW-TW0227A Datasheet
191Kb / 5P
   SMD 5.0x3.2 40MHz Crystal Oscillator
TW0229A TAI-SAW-TW0229A Datasheet
207Kb / 5P
   SMD 7.0x5.0 12.288MHz Crystal Oscillator
More results

Similar Description - TW0228A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0543CA1150 TAI-SAW-TW0543CA1150 Datasheet
396Kb / 10P
   Crystal Oscillator SMD 2.0x1.6 48MHz
REV. NO.:1.0
TW0112A TAI-SAW-TW0112A Datasheet
366Kb / 7P
   SMD 7.0x5.0 48MHz Crystal Oscillator
REV. NO.: 2.0
TW0233A TAI-SAW-TW0233A Datasheet
218Kb / 5P
   SMD 3.2x2.5 25MHz Crystal Oscillator
TW0277A TAI-SAW-TW0277A Datasheet
270Kb / 6P
   SMD 3.2x2.5 16MHz Crystal Oscillator
TW0426A TAI-SAW-TW0426A Datasheet
149Kb / 7P
   SMD 3.2x2.5 125MHz Crystal Oscillator
REV. NO.: 1.0
TW0480A TAI-SAW-TW0480A Datasheet
170Kb / 8P
   Crystal Oscillator SMD 3.2x2.5 16.67MHz
REV. NO: 1.0
TW0494B TAI-SAW-TW0494B Datasheet
218Kb / 8P
   Crystal Oscillator SMD 3.2x2.5 27.00MHz
REV. NO: 5
TW0255A TAI-SAW-TW0255A Datasheet
240Kb / 6P
   SMD 3.2x2.5 32MHz Crystal Oscillator
TW0258A TAI-SAW-TW0258A Datasheet
225Kb / 6P
   SMD 3.2x2.5 24.576MHz Crystal Oscillator
TW0261A TAI-SAW-TW0261A Datasheet
348Kb / 8P
   SMD 3.2x2.5 50MHz Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com