Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE170A Datasheet(PDF) 5 Page - Rectron Semiconductor

Part # 1.5KE170A
Description  GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1.5KE170A Datasheet(HTML) 5 Page - Rectron Semiconductor

  1.5KE170A Datasheet HTML 1Page - Rectron Semiconductor 1.5KE170A Datasheet HTML 2Page - Rectron Semiconductor 1.5KE170A Datasheet HTML 3Page - Rectron Semiconductor 1.5KE170A Datasheet HTML 4Page - Rectron Semiconductor 1.5KE170A Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RECTRON
TYPE
Breakdown Voltage
VBR
(Volts)
MIN.
MAX.
@IT
(mA)
Reverse
Stand off
Voltage
VWM
(Volts)
Maximum
Reverse
Leakage
at VWM
ID(uA)
Maximum
Peak Pulse
Current
IPPM
(Amps)
Maximum
Clamping
Voltage
at IPPM
VC (Volts)
1.5KE62
1.5KE62A
1.5KE68
1.5KE68A
1.5KE75
1.5KE75A
1.5KE82
1.5KE82A
1.5KE91
1.5KE91A
1.5KE100
1.5KE100A
1.5KE110
1.5KE110A
1.5KE120
1.5KE120A
1.5KE130
1.5KE130A
1.5KE150
1.5KE150A
1.5KE160
1.5KE160A
1.5KE170
1.5KE170A
1.5KE180
1.5KE180A
1.5KE200
1.5KE200A
1.5KE220
1.5KE220A
1.5KE250
1.5KE250A
1.5KE300
1.5KE300A
1.5KE350
1.5KE350A
1.5KE400
1.5KE400A
55.8
68.2
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
50.2
5.0
16.9
89.0
85.0
17.6
5.0
53.0
65.1
58.9
61.2
74.8
55.1
5.0
15.3
98.0
64.6
71.4
58.1
5.0
16.3
92.0
67.5
82.5
60.7
5.0
13.9
109
71.3
78.8
64.1
5.0
14.6
104
73.8
90.2
66.4
5.0
12.7
118
77.9
86.1
70.1
5.0
13.3
113
81.9
100
73.7
5.0
11.5
131
86.5
95.5
77.8
5.0
12.0
125
90.0
110
81.0
5.0
10.4
144
95.0
105
85.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
10.9
137
99.0
121
89.2
9.5
158
105
116
94.0
9.9
152
108
132
97.2
8.7
173
114
126
102
9.1
165
117
143
105
8.0
187
124
137
111
8.4
179
135
165
121
7.0
215
143
158
128
7.2
207
144
176
130
6.5
230
152
168
136
6.8
219
153
187
138
6.1
244
162
179
145
6.4
234
162
198
146
5.8
258
171
189
154
6.1
246
180
220
162
5.2
287
190
210
171
5.5
274
198
242
175
4.4
344
209
231
185
4.6
328
225
275
202
4.2
360
237
263
214
4.4
344
270
330
243
3.5
430
285
315
256
3.6
414
315
385
284
3.0
504
333
368
300
3.1
482
360
440
324
2.6
574
380
420
342
2.7
548
Notes :
1. VBR measured after IT applied for 300ms. IT = square pulse or equivalent.
2. For bidirectional use C or CA suffixs for all types (ex. 1.5KE6.8C, 1.5KE450CA)
electrical characteristics apply in both directions.
3. For bidirectional types having VWM of 10 volts and less, the ID Iimit is doubled.
4. All devices UL listed file# E211196.
1.5KE440
1.5KE440A
1.0
1.0
5.0
5.0
396
484
356
2.4
631
418
462
376
2.5
602
TRANSIENT VOLTAGE SUPPRESSORS
1500W SERIES TVS DIODES / 1.5KE ( CASE 10 ) 1500W
1.5KE450
1.0
5.0
405
495
364
2.2
682
1.5KE450A
1.0
5.0
427.5
472.5
385
2.3
652


Similar Part No. - 1.5KE170A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE170A TRSYS-1.5KE170A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE170A LUGUANG-1.5KE170A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Galaxy Semi-Conductor H...
1.5KE170A BILIN-1.5KE170A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1.5KE170A DAESAN-1.5KE170A Datasheet
801Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
1.5KE170A DIODES-1.5KE170A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results

Similar Description - 1.5KE170A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1.5FMCJ RECTRON-1.5FMCJ Datasheet
38Kb / 5P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
P6KE510A RECTRON-P6KE510A Datasheet
205Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 600 WATT PEAK POWER 5.0 WATTS STEADY STATE
TFMCJ RECTRON-TFMCJ Datasheet
1,020Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE)
3KPSMC RECTRON-3KPSMC Datasheet
282Kb / 7P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
3KPSMC28A RECTRON-3KPSMC28A Datasheet
644Kb / 6P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
3KP22AS RECTRON-3KP22AS Datasheet
30Kb / 3P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 8.0 WATTS STEADY STATE
3KP RECTRON-3KP Datasheet
289Kb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 8.0 WATTS STEADY STATE
3KP28A RECTRON-3KP28A Datasheet
410Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
TFMBJ RECTRON-TFMBJ Datasheet
1,016Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
P6KE RECTRON-P6KE Datasheet
1Mb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com