Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5FMCJ180A Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # 1.5FMCJ180A
Description  SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1.5FMCJ180A Datasheet(HTML) 4 Page - Rectron Semiconductor

  1.5FMCJ180A Datasheet HTML 1Page - Rectron Semiconductor 1.5FMCJ180A Datasheet HTML 2Page - Rectron Semiconductor 1.5FMCJ180A Datasheet HTML 3Page - Rectron Semiconductor 1.5FMCJ180A Datasheet HTML 4Page - Rectron Semiconductor 1.5FMCJ180A Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RECTRON
TRANSIENT VOLTAGE SUPPRESSORS
1500W SERIES TVS DIODES / DO-214AB ( CASE 4 ) 1500W
TYPE
Breakdown Voltage
VBR
(Volts)
MIN.
MAX.
@IT
(mA)
Reverse
Stand off
Voltage
VWM
(Volts)
Maximum
Reverse
Leakage
at VWM
ID(uA)
Maximum
Peak Pulse
Current
IPPM
(Amps)
Maximum
Clamping
Voltage
at IPPM
VC (Volts)
1.5FMCJ62
1.5FMCJ62A
1.5FMCJ68
1.5FMCJ68A
1.5FMCJ75
1.5FMCJ75A
1.5FMCJ82
1.5FMCJ82A
1.5FMCJ91
1.5FMCJ91A
1.5FMCJ100
1.5FMCJ100A
55.8
68.2
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
50.2
5.0
16.9
89.0
85.0
17.6
5.0
53.0
65.1
58.9
61.2
74.8
55.1
5.0
15.3
98.0
64.6
71.4
58.1
5.0
16.3
92.0
67.5
82.5
60.7
5.0
13.9
109
71.3
78.8
64.1
5.0
14.6
104
73.8
90.2
66.4
5.0
12.7
118
77.9
86.1
70.1
5.0
13.3
113
81.9
100
73.7
5.0
11.5
131
86.5
95.5
77.8
5.0
12.0
125
90.0
110
81.0
5.0
10.4
144
95.0
105
85.5
5.0
10.9
137
Notes :
1. VBR measured after IT applied for 300ms. IT = square pulse or equivalent.
2. For bidirectional use C or CA suffixs for all types (ex. 1.5FMCJ6.8C,1.5FMCJ200CA)
electrical characteristics apply in both directions.
3. For bidirectional types having VWM of 10 volts and less, the ID Iimit is doubled.
4. All devices UL listed file# E211196.
1.5FMCJ110
1.5FMCJ110A
1.5FMCJ120
1.5FMCJ120A
1.5FMCJ130
1.5FMCJ130A
1.5FMCJ150
1.5FMCJ150A
1.5FMCJ160
1.5FMCJ160A
1.5FMCJ170
1.5FMCJ170A
1.5FMCJ180
1.5FMCJ180A
1.5FMCJ200
1.5FMCJ200A
1.0
1.0
1.0
1.0
1.0
1.0
5.0
5.0
5.0
5.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
99.0
121
89.2
9.9
158
105
116
94.0
10.3
152
108
132
97.2
9.1
173
114
126
102
9.5
165
117
143
105
8.4
187
124
137
111
8.7
179
135
165
121
7.3
215
143
158
128
7.6
207
144
176
130
6.8
230
152
168
136
7.1
219
153
187
138
6.4
244
162
179
145
6.7
234
162
198
146
6.1
258
171
189
154
6.4
246
180
220
162
5.4
287
190
210
171
5.7
274


Similar Part No. - 1.5FMCJ180A

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
1.5-B CERAMATE-1.5-B Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Altera Corporation
1.5-VLVCMOS ALTERA-1.5-VLVCMOS Datasheet
836Kb / 34P
   This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
logo
Digitron Semiconductors
1.55KE120 DIGITRON-1.55KE120 Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
logo
Central Semiconductor C...
1.5CE10 CENTRAL-1.5CE10 Datasheet
336Kb / 2P
   UNI-DIRECTIONAL AND BI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSORS 1500 WATTS, 6.8 THRU 440 VOLTS
1.5CE10 CENTRAL-1.5CE10 Datasheet
336Kb / 2P
   SILICON TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 1.5FMCJ180A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1.5KE RECTRON-1.5KE Datasheet
46Kb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
P6KE510A RECTRON-P6KE510A Datasheet
205Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 600 WATT PEAK POWER 5.0 WATTS STEADY STATE
TFMCJ RECTRON-TFMCJ Datasheet
1,020Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE)
P4FMAJ RECTRON-P4FMAJ Datasheet
123Kb / 6P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER 1.0 WATTS STEADY STATE
3KPSMC RECTRON-3KPSMC Datasheet
282Kb / 7P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
3KPSMC28A RECTRON-3KPSMC28A Datasheet
644Kb / 6P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
3KP22AS RECTRON-3KP22AS Datasheet
30Kb / 3P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 8.0 WATTS STEADY STATE
3KP RECTRON-3KP Datasheet
289Kb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 8.0 WATTS STEADY STATE
3KP28A RECTRON-3KP28A Datasheet
410Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
TFMBG150A RECTRON-TFMBG150A Datasheet
410Kb / 3P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com