Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX0146A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TX0146A
Description  SMD 5.0x3.2 24.5535MHz TCXO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TX0146A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TX0146A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TX0146A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TX0146A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TX0146A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TX0146A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
Reflow Profile:
0
50
100
150
200
250
300
0
60
120
180
240
300
360
Time (seconds)
Rising Area
Preheat Area
Reflow Area
Forced Cooling Area
Max peak temperature: 260 deg C


Similar Part No. - TX0146A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX014002 ETC-TX014002 Datasheet
19Kb / 1P
   MODIFIED ENCLOSURE UTILISERVE
logo
TAI-SAW TECHNOLOGY CO.,...
TX0141A TAI-SAW-TX0141A Datasheet
190Kb / 4P
   7.0x5.0 PECL VCXO 622.08 MHz
TX0144A TAI-SAW-TX0144A Datasheet
184Kb / 5P
   7.0x5.0 VCXO 24.576 MHz
TX0147A TAI-SAW-TX0147A Datasheet
173Kb / 4P
   7.0x5.0 VCXO 54 MHz
TX0148A TAI-SAW-TX0148A Datasheet
181Kb / 4P
   7.0x5.0 VCXO 27 MHz
More results

Similar Description - TX0146A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0183A TAI-SAW-TZ0183A Datasheet
235Kb / 5P
   SMD 5.0x3.2 24.5535MHz Crystal Unit
REV. NO.: 3
TX0184A TAI-SAW-TX0184A Datasheet
296Kb / 6P
   SMD 5.0x3.2 14.7456MHz TCXO
TX0411A TAI-SAW-TX0411A Datasheet
338Kb / 7P
   SMD 5.0x3.2 19.68MHz TCXO
REV. NO.: 1.0
TZ0129A TAI-SAW-TZ0129A Datasheet
220Kb / 5P
   SMD 3.5x6 24.5535MHz Crystal Unit
REV. NO.: 2
TZ0743A TAI-SAW-TZ0743A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 24.5535MHz
REV. NO.: 3
logo
AiT Semiconductor Inc.
KTC5032 AITSEMI-KTC5032 Datasheet
330Kb / 2P
   SMD TCXO
KTM AITSEMI-KTM Datasheet
246Kb / 1P
   SMD TCXO
logo
MMD Components
MTKH MMD-MTKH Datasheet
208Kb / 2P
   SMD TCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0108A TAI-SAW-TX0108A Datasheet
340Kb / 7P
   SMD 5.0x3.2 19.2MHz VCTCXO
TX0216A TAI-SAW-TX0216A Datasheet
231Kb / 7P
   SMD 5.0x3.2 20MHz VCTCXO
REV. NO.: 5.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com