Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE300A Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # 1.5KE300A
Description  GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1.5KE300A Datasheet(HTML) 3 Page - Rectron Semiconductor

  1.5KE300A Datasheet HTML 1Page - Rectron Semiconductor 1.5KE300A Datasheet HTML 2Page - Rectron Semiconductor 1.5KE300A Datasheet HTML 3Page - Rectron Semiconductor 1.5KE300A Datasheet HTML 4Page - Rectron Semiconductor 1.5KE300A Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( 1.5KE6.8 THRU 1.5KE450CA )
FIG. 7 - INCREMENTAL CLAMPING VOLTAGE
CURVE UNIDIRECTIONAL
IPP, PEAK PULSE CURRENT, AMPS
Waveform
8X20 Impulse
DVc = Vc-V(BR)
100
10
20
1.0
2.0
0.2
0.1
0.5
1
2.0
10
20
50
1.5KE200
1.5KE130
1.5KE100
1.5KE75
1.5KE39
1.5KE33
1.5KE12
1.5KE18
1.5KE9.1
1.5KE6.8
FIG. 7 - INCREMENTAL CLAMPING VOLTAGE
CURVE UNIDIRECTIONAL
IPP, PEAK PULSE CURRENT, AMPS
Waveform
10X1000 Impulse
DVc = Vc-V(BR)
100
10
20
1.0
2.0
0.2
0.1
0.5
1
2.0
10
20
50
1.5KE200
1.5KE130
1.5KE75
1.5KE39
1.5KE33
1.5KE9.1
1.5KE6.8
FIG. 9 - INCREMENTAL CLAMPING VOLTAGE
CURVE UNIDIRECTIONAL
IPP, PEAK PULSE CURRENT, AMPS
Waveform
8X20 Impulse
DVc = Vc-V(BR)
100
10
20
1.0
2.0
0.2
0.1
0.5
1
2.0
10
20
50
1.5KE200C
1.5KE75C
1.5KE39C
1.5KE30C
1.5KE7.5C
1.5KE11C
1.5KE15C
1.5KE7.5C
FIG. 7 - INCREMENTAL CLAMPING VOLTAGE
CURVE UNIDIRECTIONAL
IPP, PEAK PULSE CURRENT, AMPS
Waveform
10X1000 Impulse
DVc = Vc-V(BR)
100
10
20
1.0
2.0
0.2
0.1
0.5
1
2.0
10
20
50
1.5KE200C
1.5KE75C
1.5KE39C
1.5KE30C
1.5KE11C
1.5KE15C
FIG. 11 -INSTANTANEOUS FORWARD
INSTANTANEOUS FORWARD CURRENT, AMPERES
100
10
1
0.1
0
0.4
0.8
1.2
1.6
2.0
Pulse Width = 300uS
1% Duty Cycle TJ = 25
VOLTAGE CHARACTERISTICS CURVE
FIG. 12 - BREAKDOWN VOLTAGE
V(BR), BREAKDOWN VOLTAGE, VOLTS
1000
100
10
1
5
100
500
Unidirectional
TEMPEATURE COEFFICIENT CURVE
200
10
20
50
Bidirectional


Similar Part No. - 1.5KE300A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE300A TRSYS-1.5KE300A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE300A LUGUANG-1.5KE300A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
UNIOHM CORPORATION
1.5KE300A UNIOHM-1.5KE300A Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
1.5KE300A VISHAY-1.5KE300A Datasheet
110Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
Fairchild Semiconductor
1.5KE300A FAIRCHILD-1.5KE300A Datasheet
52Kb / 3P
   Discrete POWER & Signal Technologies
More results

Similar Description - 1.5KE300A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1.5FMCJ RECTRON-1.5FMCJ Datasheet
38Kb / 5P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
P6KE510A RECTRON-P6KE510A Datasheet
205Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 600 WATT PEAK POWER 5.0 WATTS STEADY STATE
TFMCJ RECTRON-TFMCJ Datasheet
1,020Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE)
3KPSMC RECTRON-3KPSMC Datasheet
282Kb / 7P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
3KPSMC28A RECTRON-3KPSMC28A Datasheet
644Kb / 6P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
3KP22AS RECTRON-3KP22AS Datasheet
30Kb / 3P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 8.0 WATTS STEADY STATE
3KP RECTRON-3KP Datasheet
289Kb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 8.0 WATTS STEADY STATE
3KP28A RECTRON-3KP28A Datasheet
410Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
TFMBJ RECTRON-TFMBJ Datasheet
1,016Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
P6KE RECTRON-P6KE Datasheet
1Mb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com