Electronic Components Datasheet Search |
|
DTB123YK Datasheet(PDF) 1 Page - Rohm |
|
DTB123YK Datasheet(HTML) 1 Page - Rohm |
1 / 3 page 1/2 www.rohm.com ○ c 2009 ROHM Co., Ltd. All rights reserved. 2009.06 - Rev.E Each lead has same dimensions Each lead has same dimensions DTB123YU 0.2 0.15 0.9 0.7 0.3 (3) 0.65 (2) 2.0 1.3 (1) 0.65 (1) GND (2) IN (3) OUT (1) GND (2) IN (3) OUT ROHM : SMT3 EIAJ : SC-59 ROHM : UMT3 EIAJ : SC-70 Abbreviated symbol : F52 Abbreviated symbol : F52 DTB123YK (2) (1) 0.4 (3) 2.9 1.9 0.95 0.95 0.8 0.15 1.1 R1 R2 IN GND( +) OUT IN R1=2.2k Ω, R2=10kΩ GND( +) OUT Limits Parameter Symbol VCC −50 −12 to +5 −500 200 150 −55 to +150 DTB123YU DTB123YK V VIN V mA mW IC PD Tj Tstg Unit °C °C Supply voltage Input voltage Output current Power dissipation Junction temperature Storage temperature 500mA / 50V Digital transistors (with built-in resistor) DTB123YU / DTB123YK Applications Dimensions (Unit : mm) Inverter, Interface, Driver Features 1) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). 2) The bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. 3) Only the on / off conditions need to be set for operation, making the device design easy. Structure PNP epitaxial planar silicon transistor (Resistor built-in type) Packaging specifications SMT3 DTB123YK DTB123YU Part No. T146 3000 UMT3 T106 3000 − − Package Packaging type Taping Taping Code Basic ordering unit (pieces) Absolute maximum ratings (Ta=25 C) Inner circuit |
Similar Part No. - DTB123YK |
|
Similar Description - DTB123YK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |