Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTB723YE Datasheet(PDF) 1 Page - Rohm

Part # DTB723YE
Description  -200mA / -30V Low VCE (sat) Digital transistors (with built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTB723YE Datasheet(HTML) 1 Page - Rohm

  DTB723YE_09 Datasheet HTML 1Page - Rohm DTB723YE_09 Datasheet HTML 2Page - Rohm DTB723YE_09 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.10 - Rev.C
-200mA / -30V Low VCE (sat) Digital transistors
(with built-in resistors)
DTB723YE / DTB723YM
Applications
Dimensions (Unit : mm)
Inverter, Interface, Driver
Feature
1) VCE (sat) is lower than conventional products.
2) Built-in bias resistors enable the configuration of
an inverter circuit without connecting external input resistors
(see equivalent circuit).
3) The bias resistors consist of thin-film resistors
with complete isolation to allow positive biasing of the input.
They also have the advantage
of almost completely eliminating parasitic effects.
4) Only the on / off conditions need to be set for operation,
making the device design easy.
Structure
PNP epitaxial plannar silicon transistor
(Resistor built-in type)
Packaging specifications
EMT3
VMT3
DTB723YE
Part No.
DTB723YM
TL
3000
T2L
8000
Package
Packaging type
Taping
Taping
Code
Basic ordering
unit (pieces)
Absolute maximum ratings (Ta=25
°C)
Inner circuit
Parameter
Symbol
VCC
−30
−15 to +5
−200
150
150
−55 to +150
DTB723YE DTB723YM
V
VIN
V
mA
mW
IC (max)
PD
Tj
Tstg
Unit
C
C
Limits
∗1
∗1 Characteristics of built-in transistor.
∗2 Each terminal mounted on a recommended land.
∗2
Supply voltage
Input voltage
Collector current
Power dissipation
Junction temperature
Storage temperature
1.6
0.7
0.15
0.55
0.2
1.0
0.3
(2)
0.5
0.5
(3)
0.2
(1)
(3)
0.32
0.8
1.2
0.13
0.5
0.22
0.4 0.4
(2)
(1)
VMT3
(1) GND
(2) IN
(3) OUT
(1) IN
(2) GND
(3) OUT
EMT3
JEITA No. (SC-75A)
JEDEC No. <SOT-416>
DTB723YE
DTB723YM
Abbreviated symbol : M52
Abbreviated symbol : M52
Each lead has same dimensions
Each lead has same dimensions
R1
R1=2.2k
Ω / R2=10kΩ
R2
IN
GND(+)
OUT
IN
GND(+)
OUT


Similar Part No. - DTB723YE_09

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB723YE ROHM-DTB723YE Datasheet
63Kb / 2P
   -200mA / -30V Low VCE (sat) Digital transistors (with built-in resistors)
DTB723YE ROHM-DTB723YE Datasheet
305Kb / 7P
   PNP -200mA -30V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTB723YE_09

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB713ZE ROHM-DTB713ZE Datasheet
63Kb / 2P
   -200mA / -30V Low VCE (sat) Digital transistors (with built-in resistors)
DTB713ZE ROHM-DTB713ZE_09 Datasheet
184Kb / 3P
   -200mA / -30V Low VCE (sat) Digital transistors (with built-in resistors)
DTD713ZE ROHM-DTD713ZE Datasheet
63Kb / 2P
   200mA / 30V Low VCE (sat) Digital transistors (with built-in resistors)
DTB723YE ROHM-DTB723YE Datasheet
63Kb / 2P
   -200mA / -30V Low VCE (sat) Digital transistors (with built-in resistors)
DTD723YE ROHM-DTD723YE_09 Datasheet
184Kb / 3P
   200mA / 30V Low VCE (sat) Digital transistors (with built-in resistors)
DTB743XE ROHM-DTB743XE Datasheet
63Kb / 2P
   -200mA / -30V Low VCE (sat) Digital transistors (with built-in resistors)
DTB743EE ROHM-DTB743EE_09 Datasheet
184Kb / 3P
   -200mA / -30V Low VCE (sat) Digital transistors (with built-in resistors)
DTD743EE ROHM-DTD743EE_09 Datasheet
184Kb / 3P
   200mA / 30V Low VCE (sat) Digital transistors (with built-in resistors)
DTD743XE ROHM-DTD743XE_11 Datasheet
966Kb / 3P
   200mA / 30V Low VCE (sat) Digital transistors(with built-in resistors)
DTD723YE ROHM-DTD723YE Datasheet
63Kb / 2P
   200mA / 30V Low VCE (sat) Digital transistors(with built-in resistors)
DTD713ZE ROHM-DTD713ZE_09 Datasheet
184Kb / 3P
   200mA / 30V Low VCE (sat) Digital transistors (with built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com