Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC143EUA Datasheet(PDF) 1 Page - Rohm

Part # DTC143EUA
Description  100mA / 50V Digital transistors (with built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC143EUA Datasheet(HTML) 1 Page - Rohm

  DTC143EUA Datasheet HTML 1Page - Rohm DTC143EUA Datasheet HTML 2Page - Rohm DTC143EUA Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.B
R1
R2
IN
R1=R2=4.7k
Ω
GND
OUT
IN
GND
OUT
100mA / 50V Digital transistors
(with built-in resistors)
DTC143EM / DTC143EE / DTC143EUA / DTC143EKA
Applications
Inverter, Interface, Driver
Features
1)Built-in bias resistors enable the configuration of an inverter circuit without connecting external input
resistors (see equivalent circuit).
2)The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input.
They also have the advantage of almost completely eliminating parasitic effects.
3)Only the on/off conditions need to be set for operation, making the device design easy.
Structure
NPN epitaxial planar silicon transistor (Resistor built-in type)
Dimensions (Unit : mm)
Abbreviated symbol : 23
Abbreviated symbol : 23
Abbreviated symbol : 23
Abbreviated symbol : 23
(1) IN
(2) GND
(3) OUT
ROHM : VMT3
DTC143EM
(1) GND
(2) IN
(3) OUT
ROHM : EMT3
DTC143EE
1.6
0.7
0.15
0.55
0.2
1.0
0.3
(2)
0.5
0.5
(3)
0.2
(1)
(1) GND
(2) IN
(3) OUT
ROHM : SMT3
EIAJ : SC-59
DTC143EKA
(1) GND
(2) IN
(3) OUT
ROHM : UMT3
EIAJ : SC-70
DTC143EUA
Each lead has same dimensions
(3)
0.32
0.8
1.2
0.13
0.5
0.22
0.4 0.4
(2)
(1)
0.2
0.15
0.9
0.7
0.3
(3)
0.65
(2)
2.0
1.3
(1)
0.65
(2)
(1)
0.4
(3)
2.9
1.9
0.95
0.95
0.8
0.15
1.1
Packaging specifications
Inner circuit
TL
UMT3
EMT3
SMT3
DTC143EE
DTC143EM
Part No.
DTC143EUA
3000
T2L
VMT3
8000
T106
3000
T146
3000
DTC143EKA
Package
Packaging type
Taping
Taping
Taping
Taping
Code
Basic ordering
unit (pieces)


Similar Part No. - DTC143EUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143EUA ROHM-DTC143EUA Datasheet
87Kb / 4P
   Digital transistors (built-in resistors)
DTC143EUA ROHM-DTC143EUA Datasheet
3Mb / 12P
   NPN 100mA 50V Digital Transistors
logo
Jiangsu Changjiang Elec...
DTC143EUA JIANGSU-DTC143EUA Datasheet
136Kb / 2P
   Digital transistors (built-in resistors)
logo
Rohm
DTC143EUA ROHM-DTC143EUA Datasheet
532Kb / 12P
   Built-In Biasing Resistors, R1 = R2 = 4.7kW.
logo
SeCoS Halbleitertechnol...
DTC143EUA SECOS-DTC143EUA Datasheet
226Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
More results

Similar Description - DTC143EUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZM ROHM-DTA143ZM Datasheet
86Kb / 4P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC114EE ROHM-DTC114EE_09 Datasheet
167Kb / 4P
   100mA / 50V Digital transistors (with built-in resistors)
DTC114YE ROHM-DTC114YE_09 Datasheet
146Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC124GUA ROHM-DTC124GUA_09 Datasheet
142Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA123EE ROHM-DTA123EE_09 Datasheet
165Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA123YE ROHM-DTA123YE_09 Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA124TE ROHM-DTA124TE_09 Datasheet
145Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC143TEB ROHM-DTC143TEB Datasheet
105Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA043EM ROHM-DTA043EM Datasheet
332Kb / 3P
   100mA/-50V Digital transistors(with built-in resistors)
DTC044EM ROHM-DTC044EM Datasheet
308Kb / 3P
   100mA/50V Digital transistors(with built-in resistors)
DTC144GE ROHM-DTC144GE_11 Datasheet
154Kb / 3P
   100mA / 50V Digital transistors(with built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com