Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC144WKA Datasheet(PDF) 2 Page - Rohm

Part # DTC144WKA
Description  100mA / 50V Digital transistors (with built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC144WKA Datasheet(HTML) 2 Page - Rohm

  DTC144WKA Datasheet HTML 1Page - Rohm DTC144WKA Datasheet HTML 2Page - Rohm DTC144WKA Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.C
Data Sheet
DTC144WE / DTC144WUA / DTC144WKA
Absolute maximum ratings (Ta=25
C)
Parameter
Symbol
PD
Tj
Tstg
Limits
50
−10 to +40
30
100
150
200
DTC144WE
DTC144WUA / DTC144WKA
150
−55 to +150
Unit
V
V
mA
mW
°C
°C
Supply voltage
Input voltage
Output current
Power
dissipation
Junction temperature
Storage temperature
VCC
VI
IO
IC(Max.)
Electrical characteristics (Ta=25
C)
VCC
=5V, IO=100μA
VO
=0.3V, IO=2mA
IO
=10mA, II=0.5mA
VI
=5V
VCC
=50V, VI=0V
IO
=5mA, VO=5V
VCE
=10V, IE= −5mA, f=100MHz
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VI(off)
VO(on)
II
IO(off)
GI
fT
R1
56
32.9
0.1
250
47
0.8
0.3
0.16
0.5
61.1
V
V
mA
μA
MHz
k
Ω
VI(on)
4
−−
R2/R1
0.37
0.47
0.57
−−
Input voltage
Output voltage
Input current
Output current
DC current gain
Transition frequency
Input resistance
Resistance ratio
Characteristics of built-in transistor
Electrical characteristic curves
100
50
20
10
5
2
1
500m
200m
100m
100
∝ 200∝ 500∝ 1m 2m
5m
10m 20m
50m 100m
VO
=0.3V
Fig.1 Input voltage vs. Output current
(ON characteristics)
OUTPUT CURRENT : IO
(A)
Ta
=100°C
Ta
=25°C
Ta
= 40°C
10m
5m
2m
1m
500
200
100
50
20
10
5
2
1
0
500m
1
1.5
2
2.5
3
VCC
=5V
Fig.2 Output current vs. Input voltage
(OFF characteristics)
INPUT VOLTAGE : VI(off) (V)
Ta
=100°C
Ta
=25°C
Ta
= 40°C
1k
500
200
100
50
20
10
5
2
1
100
∝ 200∝ 500∝ 1m 2m
5m
10m 20m
50m 100m
VO
=5V
Fig.3 DC current gain vs. Output current
OUTPUT CURRENT : IO
(A)
Ta
=100°C
Ta
=25°C
Ta
= 40°C
500m
200m
100m
50m
20m
10m
5m
2m
1m
100
∝ 200∝ 500∝ 1m 2m
5m
10m 20m
50m 100m
IO/II
=20/1
Fig.4 Output voltage vs. Output current
OUTPUT CURRENT : IO
(A)
Ta
=100°C
Ta
=25°C
Ta
= 40°C


Similar Part No. - DTC144WKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144WKA ROHM-DTC144WKA Datasheet
66Kb / 3P
   Digital transistors (built-in resistors)
More results

Similar Description - DTC144WKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZM ROHM-DTA143ZM Datasheet
86Kb / 4P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC114EE ROHM-DTC114EE_09 Datasheet
167Kb / 4P
   100mA / 50V Digital transistors (with built-in resistors)
DTC114YE ROHM-DTC114YE_09 Datasheet
146Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC124GUA ROHM-DTC124GUA_09 Datasheet
142Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA123EE ROHM-DTA123EE_09 Datasheet
165Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA123YE ROHM-DTA123YE_09 Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA124TE ROHM-DTA124TE_09 Datasheet
145Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC143TEB ROHM-DTC143TEB Datasheet
105Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA043EM ROHM-DTA043EM Datasheet
332Kb / 3P
   100mA/-50V Digital transistors(with built-in resistors)
DTC044EM ROHM-DTC044EM Datasheet
308Kb / 3P
   100mA/50V Digital transistors(with built-in resistors)
DTC144GE ROHM-DTC144GE_11 Datasheet
154Kb / 3P
   100mA / 50V Digital transistors(with built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com