Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTD543XE Datasheet(PDF) 1 Page - Rohm

Part # DTD543XE
Description  500mA / 12V Low VCE (sat) Digital transistors (with built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTD543XE Datasheet(HTML) 1 Page - Rohm

  DTD543XE_1 Datasheet HTML 1Page - Rohm DTD543XE_1 Datasheet HTML 2Page - Rohm DTD543XE_1 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DTD543XE / DTD543XM
Transistors
Rev.B
1/2
500mA / 12V Low VCE (sat) Digital transistors
(with built-in resistors)
DTD543XE / DTD543XM
Applications
Dimensions (Unit : mm)
Inverter, Interface, Driver
Feature
1) VCE (sat) is lower than conventional products.
2) Built-in bias resistors enable the configuration of an
inverter circuit without connecting external input resistors
(see equivalent circuit).
3) The bias resistors consist of thin-film resistors with
complete isolation to allow negative biasing of the
input. They also have the advantage of almost completely
eliminating parasitic effects.
4) Only the on / off conditions need to be set for operation,
making the device design easy.
Structure
NPN epitaxial planar silicon transistor
(Resistor built-in type)
Absolute maximum ratings (Ta=25
°C)
Packaging specifications
Electrical characteristics (Ta=25
°C)
Equivalent circuit
1.6
0.7
0.15
0.55
0.2
1.0
0.3
(2)
0.5
0.5
(3)
0.2
(1)
(3)
0.32
0.8
1.2
0.13
0.5
0.22
0.4 0.4
(2)
(1)
VMT3
(1) GND
(2) IN
(3) OUT
(1) IN
(2) GND
(3) OUT
EMT3
JEITA No. (SC-75A)
JEDEC No. <SOT-416>
DTD543XE
DTD543XM
Addreviated symbol : X43
Addreviated symbol : X43
Each lead has same dimensions
Each lead has same dimensions
Parameter
Symbol
VCC
12
−7 to +12
500
150
150
−55 to +150
DTD543XE DTD543XM
V
VIN
V
mA
mW
IC (max)
PD
Tj
Tstg
Unit
C
C
Limits
∗1
∗1 Characteristics of built-in transistor.
∗2 Each terminal mounted on a recommended land.
∗2
Supply voltage
Input voltage
Collector current
Power dissipation
Junction temperature
Storage temperature
Parameter
Symbol
VI(off)
VI(on)
VO(on)
II
IO(off)
R1
GI
R2/R1
fT
Min.
2.5
3.29
140
1.7
60
4.7
2.1
260
0.3
300
1.4
500
6.11
2.6
V
VCC= 5V, IO= 100
µA
VO= 0.3V, IO= 2mA
IO/II= 100mA / 5mA
VI= 5V
VCC= 12V, VI=0V
VO= 2V, IO= 100mA
VCE= 10V, IE=
−5mA, f=100MHz
mV
mA
µA
k
−−
MHz
Typ.
Max.
Unit
Conditions
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Resistance ratio
Transition frequency
∗ Characteristics of built-in transistor.
EMT3
VMT3
DTD543XE
Part No.
DTD543XM
TL
3000
T2L
8000
Package
Packaging type
Taping
Taping
Code
Basic ordering
unit (pieces)
R1
R1=4.7k
Ω / R2=10kΩ
R2
IN
GND
OUT
IN
GND
OUT


Similar Part No. - DTD543XE_1

ManufacturerPart #DatasheetDescription
logo
Rohm
DTD543XE ROHM-DTD543XE Datasheet
65Kb / 2P
   500mA / 12V Low VCE (sat) Digital transistors (with built-in resistors)
DTD543XE ROHM-DTD543XE Datasheet
1Mb / 10P
   500mA/12V Low V Digital transistors
More results

Similar Description - DTD543XE_1

ManufacturerPart #DatasheetDescription
logo
Rohm
DTD523YE ROHM-DTD523YE Datasheet
63Kb / 2P
   500mA / 12V Low VCE (sat) Digital transistors (with built-in resistors)
DTD513ZE ROHM-DTD513ZE Datasheet
63Kb / 2P
   500mA / 12V Low VCE (sat) Digital transistors (with built-in resistors)
DTD543XE ROHM-DTD543XE Datasheet
65Kb / 2P
   500mA / 12V Low VCE (sat) Digital transistors (with built-in resistors)
DTB523YE ROHM-DTB523YE Datasheet
63Kb / 2P
   -500mA / -12V Low VCE (sat) Digital transistors (with built-in resistors)
DTB523YE ROHM-DTB523YE_10 Datasheet
163Kb / 3P
   -500mA / -12V Low VCE (sat) Digital transistors (with built-in resistors)
DTB543EE ROHM-DTB543EE Datasheet
63Kb / 2P
   -500mA / -12V Low VCE (sat) Digital transistors (with built-in resistors)
DTB543XE ROHM-DTB543XE Datasheet
63Kb / 2P
   -500mA / -12V Low VCE (sat) Digital transistors (with built-in resistors)
DTB543ZE ROHM-DTB543ZE Datasheet
63Kb / 2P
   -500mA / -12V Low VCE (sat) Digital transistors (with built-in resistors)
DTD543ZE ROHM-DTD543ZE Datasheet
64Kb / 2P
   500mA / 12V Low VCE (sat) Digital transistors (with built-in resistors)
DTB513ZE ROHM-DTB513ZE Datasheet
63Kb / 2P
   -500mA / -12V Low VCE (sat) Digital transistors (with built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com