Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ED806CS-T3 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # ED806CS-T3
Description  8.0A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

ED806CS-T3 Datasheet(HTML) 3 Page - Won-Top Electronics

  ED806CS-T3 Datasheet HTML 1Page - Won-Top Electronics ED806CS-T3 Datasheet HTML 2Page - Won-Top Electronics ED806CS-T3 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ED802CS – ED806CS
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
ED802CS-T3
DPAK
2500/Tape & Reel
ED803CS-T3
DPAK
2500/Tape & Reel
ED804CS-T3
DPAK
2500/Tape & Reel
ED806CS-T3
DPAK
2500/Tape & Reel
!T3 suffix refers to a 13” reel.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
0.243
(6.172)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com
0.165
(4.191)
0.118
(3.0)
0.190
(4.826)
0.063
(1.6)
0.100
(2.54)


Similar Part No. - ED806CS-T3

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ED806CS PANJIT-ED806CS Datasheet
34Kb / 2P
   DPAK SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER(VOLTAGE - 200 to 600 Volts CURRENT - 8.0 Amperes)
ED806CS PANJIT-ED806CS Datasheet
39Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
More results

Similar Description - ED806CS-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ED302S WTE-ED302S Datasheet
53Kb / 3P
   3.0A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
ED302YS WTE-ED302YS Datasheet
53Kb / 3P
   3.0A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
ED502S WTE-ED502S Datasheet
49Kb / 3P
   5.0A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
logo
Shenzhen Ping Sheng Ele...
ED502S PFS-ED502S Datasheet
148Kb / 2P
   DPAK SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
Won-Top Electronics
ED1002CS WTE-ED1002CS Datasheet
49Kb / 3P
   10A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
ED502YS WTE-ED502YS Datasheet
49Kb / 3P
   5.0A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
ED602CS WTE-ED602CS Datasheet
49Kb / 3P
   6.0A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
SD820YS WTE-SD820YS Datasheet
44Kb / 3P
   8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD820S WTE-SD820S Datasheet
43Kb / 3P
   8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
ER800D WTE-ER800D Datasheet
53Kb / 3P
   8.0A D2PAK SURFACE MOUNT SUPER FAST RECTIFIEIR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com