Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMCJ30A Datasheet(PDF) 5 Page - Won-Top Electronics

Part # 3.0SMCJ30A
Description  3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

3.0SMCJ30A Datasheet(HTML) 5 Page - Won-Top Electronics

  3.0SMCJ30A Datasheet HTML 1Page - Won-Top Electronics 3.0SMCJ30A Datasheet HTML 2Page - Won-Top Electronics 3.0SMCJ30A Datasheet HTML 3Page - Won-Top Electronics 3.0SMCJ30A Datasheet HTML 4Page - Won-Top Electronics 3.0SMCJ30A Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3.0SMCJ SERIES
5 of 5
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
3.0SMCJxx-T1
SMC
500/Tape & Reel
3.0SMCJxx-T3
SMC
3000/Tape & Reel
3.0SMCJxxA-T1
SMC
500/Tape & Reel
3.0SMCJxxA-T3
SMC
3000/Tape & Reel
3.0SMCJxxC-T1
SMC
500/Tape & Reel
3.0SMCJxxC-T3
SMC
3000/Tape & Reel
3.0SMCJxxCA-T1
SMC
500/Tape & Reel
3.0SMCJxxCA-T3
SMC
3000/Tape & Reel
Products listed in bold are WTE Preferred devices.
!T1 suffix refers to a 7” reel. T3 suffix refers to a 13” reel.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
0.060 MIN
(1.52 MIN)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com
0.121 MIN
(3.07 MIN)
0.185 MAX
(4.69 MAX)


Similar Part No. - 3.0SMCJ30A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ30A WTE-3.0SMCJ30A Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
3.0SMCJ30A FCI-3.0SMCJ30A Datasheet
939Kb / 5P
   5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
3.0SMCJ30A TSC-3.0SMCJ30A Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
3.0SMCJ30A DIODES-3.0SMCJ30A Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
3.0SMCJ30A TSC-3.0SMCJ30A Datasheet
279Kb / 4P
   3000 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - 3.0SMCJ30A

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
SMDJ-AT UNSEMI-SMDJ-AT Datasheet
2Mb / 6P
   3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Bytesonic Electronics C...
SMDJ BYTESONIC-SMDJ Datasheet
609Kb / 4P
   3000W Surface Mount Transient Voltage Suppressors
logo
Won-Top Electronics
3KP WTE-3KP Datasheet
68Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Zibo Seno Electronic En...
3KP ZSELEC-3KP Datasheet
230Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
SMDJ5.0CA HUAXINAN-SMDJ5.0CA Datasheet
472Kb / 5P
   3000W Transient Voltage Suppressors
SMDJ5.0CA-3 HUAXINAN-SMDJ5.0CA-3 Datasheet
504Kb / 4P
   3000W Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMDT UNSEMI-SMDT Datasheet
2Mb / 5P
   5.0 To 75V 3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
TPSMDJ UNSEMI-TPSMDJ Datasheet
2Mb / 6P
   10 To 78V 3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMDJ UNSEMI-SMDJ Datasheet
4Mb / 8P
   5.0 To 440V 3000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
DONGGUAN YOU FENG WEI E...
3KP5.0A YFWDIODE-3KP5.0A Datasheet
603Kb / 5P
   3000W Axial Leaded Transient Voltage Suppressors PPP 3000W
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com