Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX5 Datasheet(PDF) 1 Page - Rohm

Part # IMX5
Description  High transition frequency (dual transistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMX5 Datasheet(HTML) 1 Page - Rohm

  IMX5 Datasheet HTML 1Page - Rohm IMX5 Datasheet HTML 2Page - Rohm IMX5 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EMX5 / UMX5N / IMX5
Transistors
Rev.B
1/2
High transition frequency (dual transistors)
EMX5 / UMX5N / IMX5
Features
1) Two 2SC3838K chips in a EMT or UMT or SMT package.
2) High transition frequency. (fT=3.2GHz)
3) Low output capacitance. (Cob=0.9pF)
Equivalent circuits
EMX5 / UMX5N
(3)
(2)
(1)
(4)
(5)
(6)
IMX5
Tr1
Tr1
Tr2
Tr2
(4)
(5)
(6)
(3)
(2)
(1)
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
Pc
Tj
Tstg
Limits
20
11
3
50
300(TOTAL)
150(TOTAL)
EMX5 / UMX5N
IMX5
150
−55 to +150
Unit
V
V
V
mA
mW
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
∗1 120mW per element must not be exceeded.
∗2 200mW per element must not be exceeded.
∗1
∗2
Package, marking, and packaging specifications
Type
EMX5
EMT5
X5
T2R
8000
IMX5
SMT6
X5
T108
3000
UMX5N
UMT6
X5
TR
3000
Package
Marking
Code
Basic ordering unit (pieces)
Dimensions (Unit : mm)
UMX5N
Each lead has same dimensions
ROHM : UMT6
EIAJ : SC-88
IMX5
Each lead has same dimensions
ROHM : SMT6
EIAJ : SC-74
Each lead has same dimensions
ROHM : EMT6
EMX6
This product might cause chip aging and breakdown under the large electrified environment.
Please consider to design ESD protection circuit.


Similar Part No. - IMX5

ManufacturerPart #DatasheetDescription
logo
Rohm
IMX5 ROHM-IMX5 Datasheet
67Kb / 2P
   High transition frequency (dual transistors)
IMX5 ROHM-IMX5 Datasheet
75Kb / 3P
   High transition frequency (dual transistors)
IMX5 ROHM-IMX5 Datasheet
169Kb / 3P
   High transition frequency (dual transistors)
IMX5 ROHM-IMX5 Datasheet
129Kb / 3P
   High transition frequency (dual transistors)
logo
NXP Semiconductors
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
More results

Similar Description - IMX5

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX5 ROHM-EMX5_10 Datasheet
169Kb / 3P
   High transition frequency (dual transistors)
IMX5T108 ROHM-IMX5T108 Datasheet
129Kb / 3P
   High transition frequency (dual transistors)
EMX5 ROHM-EMX5_1 Datasheet
75Kb / 3P
   High transition frequency (dual transistors)
EMX4 ROHM-EMX4_1 Datasheet
113Kb / 4P
   High transition frequency (dual transistors)
UMX5NTR ROHM-UMX5NTR Datasheet
129Kb / 3P
   High transition frequency (dual transistors)
UMX21N ROHM-UMX21N Datasheet
68Kb / 3P
   High transition frequency (dual transistors)
UMW6N ROHM-UMW6N Datasheet
76Kb / 4P
   High transition frequency (dual transistors)
EMX5 ROHM-EMX5 Datasheet
67Kb / 2P
   High transition frequency (dual transistors)
EMX4 ROHM-EMX4 Datasheet
66Kb / 2P
   High transition frequency (dual transistors)
logo
AUK corp
STC918K AUK-STC918K Datasheet
282Kb / 11P
   High current transition frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com