Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSAC5.0 Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # BSAC5.0
Description  LOW CAPACITANCE TRANSZORB Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BSAC5.0 Datasheet(HTML) 3 Page - Rectron Semiconductor

  BSAC5.0 Datasheet HTML 1Page - Rectron Semiconductor BSAC5.0 Datasheet HTML 2Page - Rectron Semiconductor BSAC5.0 Datasheet HTML 3Page - Rectron Semiconductor BSAC5.0 Datasheet HTML 4Page - Rectron Semiconductor BSAC5.0 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS
BSAC5.0
300
Maximum
Reverse
Leakage
at VWM
ID
(uA)
44
Reverse
Stand off
Voltage
VWM
*
(Volts)
5.0
7.60
Maximum
Peak Pulse
Current
IPPM
(Amps)
50
Maximum
Clamping
Voltage
at IPPM=5.0A
VC
(Volts)
75
Rectron
House No.
Minimum
Breakdown
voltage
at IT=1.0mA
V(BR)
(V)
10.0
Maximum
Junction
Capacitance
at
0 Volts
(PF)
Working
Inverse
Blocking
Voltage
VWB
(V)
Inverse
Blocking
Leakage
Current
VWB
IIB(mA)
Peak
Inverse
Blocking
Voltage
VPIB
(V)
1.0
100
* Non -repetitive current pulse,per Fig.3 and derated above TA=25 degree per Fig.2


Similar Part No. - BSAC5.0

ManufacturerPart #DatasheetDescription
logo
Bellnix Co.,Ltd.
BSA BELLNIX-BSA Datasheet
214Kb / 1P
   High Efficiency, Ultra Small Size, Non-Isolated Type POL DC-DC Converter
BSA03-1.8S6R0 BELLNIX-BSA03-1.8S6R0 Datasheet
214Kb / 1P
   High Efficiency, Ultra Small Size, Non-Isolated Type POL DC-DC Converter
BSA03-1.8S6R0-D BELLNIX-BSA03-1.8S6R0-D Datasheet
214Kb / 1P
   High Efficiency, Ultra Small Size, Non-Isolated Type POL DC-DC Converter
BSA05-2.5S1R2 BELLNIX-BSA05-2.5S1R2 Datasheet
457Kb / 9P
   High Efficiency, Smallm Low price, Step-Down DC-DC Converter
BSA05-2.5S1R2-D BELLNIX-BSA05-2.5S1R2-D Datasheet
457Kb / 9P
   High Efficiency, Smallm Low price, Step-Down DC-DC Converter
More results

Similar Description - BSAC5.0

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SAC5.0 RECTRON-SAC5.0 Datasheet
298Kb / 3P
   Low Capacitance TRANSZORB Transient Voltage Suppressors
logo
Vishay Siliconix
SAC12-E3 VISHAY-SAC12-E3 Datasheet
81Kb / 4P
   Low Capacitance TRANSZORB Transient Voltage Suppressors
Revision: 18-Nov-13
LCE28A VISHAY-LCE28A Datasheet
93Kb / 5P
   Low Capacitance TRANSZORB® Transient Voltage Suppressors
Revision: 20-Oct-08
SAC50 VISHAY-SAC50 Datasheet
97Kb / 4P
   Low Capacitance TRANSZORB® Transient Voltage Suppressors
Revision: 20-Oct-08
LCE28A VISHAY-LCE28A_12 Datasheet
80Kb / 4P
   Low Capacitance TRANSZORB® Transient Voltage Suppressors
Revision: 22-Nov-11
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com