Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZM55C4V3 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BZM55C4V3
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BZM55C4V3 Datasheet(HTML) 2 Page - Rectron Semiconductor

  BZM55C4V3 Datasheet HTML 1Page - Rectron Semiconductor BZM55C4V3 Datasheet HTML 2Page - Rectron Semiconductor BZM55C4V3 Datasheet HTML 3Page - Rectron Semiconductor BZM55C4V3 Datasheet HTML 4Page - Rectron Semiconductor BZM55C4V3 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (@TA=25OC unless otherwise specified)
1) tp < 10 ms, T/tp > 1000
*) Additionnal measurement of Voltage group 9V1 to 47 at 95 % Vzmin<35 nA at Tj 25 °C
Zener Voltage
Range1)
Dynamic
Resistance
Test
Current
Temperature
Coefficient
Test
Current Reverse Leakage Current
VZ at IZT
rzjT at
IZT,
f = 1kHz
rzjK at
IZK,
f = 1kHz
IZT
TKVZ
IZK
IR
at Tamb
= 25 °C
IR
at Tamb
= 150 °C
at VR
V
mA
%/K
mA
µA
V
min
max
min
max
BZM55C2V4
2.28
2.56
< 85
< 600
5
- 0.09
- 0.06
1
< 50
< 100
1
BZM55C2V7
2.5
2.9
< 85
< 600
5
- 0.09
- 0.06
1
< 10
< 50
1
BZM55C3V0
2.8
3.2
< 90
< 600
5
- 0.08
- 0.05
1
< 4
< 40
1
BZM55C3V3
3.1
3.5
< 90
< 600
5
- 0.08
- 0.05
1
< 2
< 40
1
BZM55C3V6
3.4
3.8
< 90
< 600
5
-0.08
- 0.05
1
< 2
< 40
1
BZM55C3V9
3.7
4.1
< 90
< 600
5
- 0.08
- 0.05
1
< 2
< 40
1
BZM55C4V3
4
4.6
< 90
< 600
5
- 0.06
- 0.03
1
< 1
< 20
1
BZM55C4V7
4.4
5
< 80
< 600
5
- 0.05
0.02
1
< 0.5
< 10
1
BZM55C5V1
4.8
5.4
< 60
< 550
5
- 0.02
0.02
1
< 0.1
< 2
1
BZM55C5V6
5.2
6
< 40
< 450
5
- 0.05
0.05
1
< 0.1
< 2
1
BZM55C6V2
5.8
6.6
< 10
< 200
5
0.03
0.06
1
< 0.1
< 2
2
BZM55C6V8
6.4
7.2
< 8
< 150
5
0.03
0.07
1
< 0.1
< 2
3
BZM55C7V5
7
7.9
< 7
< 50
5
0.03
0.07
1
< 0.1
< 2
5
BZM55C8V2
7.7
8.7
< 7
< 50
5
0.03
0.08
1
< 0.1
< 2
6.2
BZM55C9V1 *
8.5
9.6
< 10
< 50
5
0.03
0.09
1
< 0.1
< 2
6.8
BZM55C10 *
9.4
10.6
< 15
< 70
5
0.03
0.1
1
< 0.1
< 2
7.5
BZM55C11 *
10.4
11.6
< 20
< 70
5
0.03
0.11
1
< 0.1
< 2
8.2
BZM55C12 *
11.4
12.7
< 20
< 90
5
0.03
0.11
1
< 0.1
< 2
9.1
BZM55C13 *
12.4
14.1
< 26
< 110
5
0.03
0.11
1
< 0.1
< 2
10
BZM55C15 *
13.8
15.6
< 30
< 110
5
0.03
0.11
1
< 0.1
< 2
11
BZM55C16 *
15.3
17.1
< 40
< 170
5
0.03
0.11
1
< 0.1
< 2
12
BZM55C18 *
16.8
19.1
< 50
< 170
5
0.03
0.11
1
< 0.1
< 2
13
BZM55C20 *
18.8
21.2
< 55
< 220
5
0.03
0.11
1
< 0.1
< 2
15
BZM55C22 *
20.8
23.3
< 55
< 220
5
0.04
0.12
1
< 0.1
< 2
16
BZM55C24 *
22.8
25.6
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
18
BZM55C27 *
25.1
28.9
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
20
BZM55C30 *
28
32
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
22
BZM55C33 *
31
35
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
24
BZM55C36 *
34
38
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
27
BZM55C39 *
37
41
< 90
< 500
2.5
0.04
0.12
0.5
< 0.1
< 5
30
BZM55C43 *
40
46
< 90
< 600
2.5
0.04
0.12
0.5
< 0.1
< 5
33
BZM55C47 *
44
50
110
< 700
2.5
0.04
0.12
0.5
< 0.1
< 5
36
Partnumber


Similar Part No. - BZM55C4V3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZM55C4V3 VISHAY-BZM55C4V3 Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Continental Device Indi...
BZM55C4V3 CDIL-BZM55C4V3 Datasheet
191Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Weitron Technology
BZM55C4V3 WEITRON-BZM55C4V3 Datasheet
305Kb / 5P
   Surface Mount Zener Diodes
logo
Vishay Siliconix
BZM55C4V3 VISHAY-BZM55C4V3 Datasheet
152Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 10-Mar-06
logo
Weitron Technology
BZM55C4V3 WEITRON-BZM55C4V3 Datasheet
2Mb / 5P
   Surface Mount Zener Diodes
More results

Similar Description - BZM55C4V3

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
MMSZ5221B RECTRON-MMSZ5221B Datasheet
201Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
BZX84C2V4W RECTRON-BZX84C2V4W Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39Volts POWER RATING 200 mWatts
BZT52B4V3S RECTRON-BZT52B4V3S Datasheet
233Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
MMBZ5223BW RECTRON-MMBZ5223BW Datasheet
250Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MMBZ5223B RECTRON-MMBZ5223B Datasheet
249Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
MMSZ5223BS RECTRON-MMSZ5223BS Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com